Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMMF150S060DK2B Datasheet(PDF) 3 Page - Micross Components

Part # MIMMF150S060DK2B
Description  600V 150A FRED Module RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMF150S060DK2B Datasheet(HTML) 3 Page - Micross Components

  MIMMF150S060DK2B Datasheet HTML 1Page - Micross Components MIMMF150S060DK2B Datasheet HTML 2Page - Micross Components MIMMF150S060DK2B Datasheet HTML 3Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MIMMF150S060DK
MIMMF150S060DK2B
Qrr
IRRM
trr
1.5
1.2
0.9
0.6
0.3
0.0
0
25
50
75
10-3
10-2
10-1
1
10-4
10-4
10-3
10-2
10-1
1
Duty
0.5
0.2
0.1
0.05
Single Pulse
100
125
150
Rectangular Pulse Duration (seconds)
Figure6. Transient Thermal Impedance
TJ (°C)
Figure5. Dynamic Parameters vs Junction Temperature
Dimensions (mm)
Figure7. Package Outline



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com