Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFP3006PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFP3006PBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP3006PBF Datasheet(HTML) 6 Page - International Rectifier

  IRFP3006PBF Datasheet HTML 1Page - International Rectifier IRFP3006PBF Datasheet HTML 2Page - International Rectifier IRFP3006PBF Datasheet HTML 3Page - International Rectifier IRFP3006PBF Datasheet HTML 4Page - International Rectifier IRFP3006PBF Datasheet HTML 5Page - International Rectifier IRFP3006PBF Datasheet HTML 6Page - International Rectifier IRFP3006PBF Datasheet HTML 7Page - International Rectifier IRFP3006PBF Datasheet HTML 8Page - International Rectifier IRFP3006PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
 
IRFP3006PbF
6
www.irf.com
© 2013 International Rectifier
September 06, 2013
Fig. 17
Typical Recovery Current vs. dif/dt
Fig 18.
Typical Recovery Current vs. dif/dt
Fig 19.
Typical Stored Charge vs. dif/dt
Fig. 16
Threshold Voltage vs. Temperature
Fig 20.
Typical Stored Charge vs. dif/dt
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ID = 1.0A
ID = 1.0mA
ID = 250µA
100
200
300
400
500
600
700
800
dif / dt - (A / µs)
0
4
8
12
16
20
IF = 112A
VR = 51V
TJ = 125°C
TJ = 25°C
100
200
300
400
500
600
700
800
dif / dt - (A / µs)
0
4
8
12
16
20
IF = 170A
VR = 51V
TJ = 125°C
TJ = 25°C
100
200
300
400
500
600
700
800
dif / dt - (A / µs)
0
100
200
300
400
500
600
700
IF = 112A
VR = 51V
TJ = 125°C
TJ = 25°C
100
200
300
400
500
600
700
800
dif / dt - (A / µs)
0
100
200
300
400
500
600
700
IF = 170A
VR = 51V
TJ = 125°C
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com