Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRGS4620DTRLPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IRGS4620DTRLPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4620DTRLPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IRGS4620DTRLPBF Datasheet HTML 6Page - International Rectifier IRGS4620DTRLPBF Datasheet HTML 7Page - International Rectifier IRGS4620DTRLPBF Datasheet HTML 8Page - International Rectifier IRGS4620DTRLPBF Datasheet HTML 9Page - International Rectifier IRGS4620DTRLPBF Datasheet HTML 10Page - International Rectifier IRGS4620DTRLPBF Datasheet HTML 11Page - International Rectifier IRGS4620DTRLPBF Datasheet HTML 12Page - International Rectifier IRGS4620DTRLPBF Datasheet HTML 13Page - International Rectifier IRGS4620DTRLPBF Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
IRGS/B/P4620D/EPbF
13
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
October 29, 2013
TO-247AD Package Outline
Dimensions are shown in millimeters (inches)
TO-247AD Part Marking Information
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
TO-247AD package is not recommended for Surface Mount Application.
AS S E M B L Y
YE A R 0 = 2 0 0 0
A S SE M B L E D O N W W 35, 2000
IN T H E ASSE M B L Y L IN E "H "
EX A M P L E: T H IS IS A N IR G P 3 0 B 120K D -E
L O T C O D E 5657
WIT H A S S E M B L Y
P A R T NUM B E R
DA T E CO D E
IN T E R N A T IO N A L
REC T IF IE R
LO G O
03 5H
5 6
5 7
WE E K 3 5
LIN E H
L O T CO DE
N o te : "P " in a s s e m b ly lin e p o s itio n
in d ic a tes "L ead -F ree "



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com