Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AATIAN47 Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # AATIAN47
Description  Six-Channel White LED Backlight Charge Pump with Flash
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN47 Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  AATIAN47 Datasheet HTML 1Page - SiGe Semiconductor, Inc. AATIAN47 Datasheet HTML 2Page - SiGe Semiconductor, Inc. AATIAN47 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN47 Datasheet HTML 4Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV-114
AAT2803 EVAL: Six-Channel White LED
Backlight Charge Pump with Flash
Introduction
The AAT2803 EVAL board demonstrates the functionality of the AAT2803 and its application as a white LED
backlight driver with flash capability. The backlighting section of the AAT2803 uses a low-noise, constant fre-
quency charge pump DC/DC converter with tri-mode load switch (1X), fractional (1.5X) and doubling (2X) con-
version to maximize efficiency and operate over a wide input voltage range. Dedicated to the flash section is a
low-noise, constant frequency doubling (2X) charge pump that is capable of delivering 300mA of pulsed current.
The backlighting section is programmable with the AS
2Cwire™ (Advanced Simple Serial Control™) serial inter-
face and is capable of driving up to six independent LED channels. LED constant current levels are set from
a 16-level logarithmic scale and four additional low current settings are available down to 50µA.
This document describes the evaluation board and its accompanying user interface. In addition, a brief Getting
Started section is included to help the user begin operating the evaluation board. A schematic of the complete
circuit is shown in Figure 1, and the actual board layout is given in Figures 2 and 3. For additional information,
please consult the AAT2803 product datasheet.
Schematic
Figure 1: Evaluation Board Schematic.
VDD
1
GP5
2
GP4
3
GP3
4
GP2
5
GP1
6
GP0
7
VSS
8
PIC12F675
U3
1
µF
C1
1
µF
C2
1
µF
C3
1
µF
C4
10
µF
C8
1k
R1
1k
R2
1k
R3
330
R6
J1
1
2
3
4
5
0
FLASH
SW1
1
2
3
4
5
0
MOVIE
SW2
RED
LED7
1
2
3
4
5
0
LIGHT
SW3
DC+
DC-
MV
LT
FL
D2
D1
D5
D3
AAT9513
U2
D0
20
R5
1
R4
1
µF
C5
Flash LED
EN3
GND
1
µF
C6
GND
GND
GND
GND
GND
DC+
GND
GND
JPx
C1-
1
C1+
2
VOUT_FL
3
VIN
4
EN/FL
5
N/C
6
GND
13
VIN
14
GND
15
D1
16
D2
17
D3
18
19 20 21 22 23 24
12 11 10 9
8 7
AAT2803
U1
D6
D4
GND
GND
EV-114.2005.06.1.0
1


Similar Part No. - AATIAN47

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
Low Voltage 2MHz Step-Up DC/DC Converter
AATIAN44 SIGE-AATIAN44 Datasheet
194Kb / 4P
Low Voltage 2MHz Step-Up DC/DC Converter
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
Multi-Mode Charge Pump For White LED Backlight and Flash Applications
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
Dual High Efficiency Charge Pump For White LED and Flash Applications
AATIAN49 SIGE-AATIAN49 Datasheet
155Kb / 5P
800mA Total Display Solution for Portable Devices
More results

Similar Description - AATIAN47

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
logo
Advanced Analogic Techn...
AAT2801 ANALOGICTECH-AAT2801 Datasheet
747Kb / 20P
Multi-Mode Charge Pump for White LED Backlight and Flash Applications
AAT2803 ANALOGICTECH-AAT2803 Datasheet
581Kb / 16P
Six-Channel White LED Backlight Charge Pump with Flash
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Advanced Analog Technol...
AAT2803 AAT-AAT2803 Datasheet
689Kb / 16P
Six-Channel White LED Backlight Charge Pump with Flash
2803.2006.12.1.6
logo
Semtech Corporation
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
logo
Maxim Integrated Produc...
MAX8879 MAXIM-MAX8879 Datasheet
389Kb / 16P
Charge Pump for Backlight/Flash/RGB LEDs with Safety Timer
Rev 0; 9/08
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
Multi-Mode Charge Pump For White LED Backlight and Flash Applications
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
6-Channel Charge Pump White LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com