Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM8903TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM8903TR
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM8903TR Datasheet HTML 24Page - STMicroelectronics PM8903TR Datasheet HTML 25Page - STMicroelectronics PM8903TR Datasheet HTML 26Page - STMicroelectronics PM8903TR Datasheet HTML 27Page - STMicroelectronics PM8903TR Datasheet HTML 28Page - STMicroelectronics PM8903TR Datasheet HTML 29Page - STMicroelectronics PM8903TR Datasheet HTML 30Page - STMicroelectronics PM8903TR Datasheet HTML 31Page - STMicroelectronics PM8903TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
PM8903 demonstration board
PM8903
28/34
Doc ID 022748 Rev 1
7.1.1
Power input (VIN)
Connect a power supply to connectors J4(VIN) and J5(GND) on the demonstration board to
provide voltage on the power input pins of both devices. Input voltage can range from 2.8 V
to 6 V bus.
R15, R33
RFB2(1,2)
3.3 k
Ω
0603
R16, R34
ROS(1,2)
2.2 k
Ω
0603
R28
RPM(2)
0
Ω
0603
Capacitors
C1, C17
CVCC(1,2)
1 µF, X7R
0603
C2, C3, C18, C19
CVIN(1,2)
22 µF, X5R, 6.3 V, 10% -
MLCC
GRM21BR60J226ME
0805
MURATA
C4, C20
CVIN(1,2)
100 nF, X7R
0603
C5, C21
CBOOT(1,2)
100 nF, X7R
0603
C6, C8, C9, C22,
C23, C24
COUT(1,2)
10 µF X7R 6.3 V 10% - MLCC
GRM21BR70J106KE
0805
MURATA
C7, C25
NM
0603
C10, C26
CSNUBBER(1,2)
NM
0603
C11
CVCC
10 µF X7R 6.3 V 10% - MLCC
GRM21BR70J106KE
0805
MURATA
C12, C27
CS(1,2)
4.7 nF, X7R
0603
C13, C28
CF(1,2)
22 nF, X7R
0603
C14, C29
CP(1,2)
220 pF, X7R
0603
C15a, C16
CIN
NM
Case D
C15
CIN)
NM
T.H.M
Inductors
L1, L2
1.0 µH, 10.4 m
Ω
SPM5030T-1R0M
TDK
Alternative inductors
L1, L2
1.2 µH, 35 m
Ω
H.DI0520-1R2
NEC
1.2 µH, 25 m
Ω
LTF5022T-1R2N4R2-LC
TDK
Active components
D1, D2
LED
Q1, Q2
2N7002
STM
U1, U2
PM8903
STM
Table 8.
PM8903 demonstration board - bill of material (continued)
Reference
Alias
Value
Manufacturer P.N.
Package Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com