Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RM4830 Datasheet(PDF) 3 Page - C&D Technologies

Part # RM4830
Description  30 AMP MODULAR SWITCHED MODE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

RM4830 Datasheet(HTML) 3 Page - C&D Technologies

  RM4830 Datasheet HTML 1Page - C&D Technologies RM4830 Datasheet HTML 2Page - C&D Technologies RM4830 Datasheet HTML 3Page - C&D Technologies RM4830 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RM4830 6/98 REV A
Page 3
Output Specifications
Rectifier Failure Alarm (RFA)
Problems occurring because of an unacceptable relation-
ship between the output power and load conditions will
cause a Rectifier Failure Alarm (RFA). This alarm consists
of a red LED. Conditions which may lead to an RFA are:
Low Current - Output current has decreased to below
2% of its rated value.
Unit Shutdown - Any shutdown occurrence due to
overvoltage, external shutdown command, unacceptable
ambient temperature conditions or low AC input voltage.
Fan Malfunction - The fan has stopped operating or is
not providing the airflow needed to cool the unit.
Over Temperature - The ambient temperature has
exceeded 50°C.
High Voltage Shutdown (HVSD)
The unit’s built-in high voltage limit is permanently set at
60.5VDC. When internal shutdown occurs, the unit may
be restarted by a local switch or by a remote signal.
Surge Protection
The unit will withstand lightning and input surges of
6000V/3000A.
Under Voltage Protection
When input voltage is below 106 VAC (with tolerance),
the rectifier’s operation is automatically inhibited.
Output Circuit Protection Device (Fuse)
The unit has one internal output protection fuse which is
in series with the -48VDC output.
PROTECTION, ALARM AND CONTROL SYSTEMS
Parameter
Conditions
Min
Typ
Max
Units
Voltage Adjustment Range
float voltage
40
60
VDC
equalize voltage
40
60
VDC
Regulation
0-100% load within
specified input voltage and frequency range
±0.5
%
Load Current
within a 10 - 100% rating
± 10
%
Filtering
Voice band
<32
dBrnC
Wide band noise
20 MHz bandwidth
<250
mV p-p
<40
mVrms
ENVIRONMENTAL
Temperature
Operating
0
+50
°C
+32
122
°F
Storage
-50
85
°C
-58
185
°F
Temperature Coefficient
after half hour warm-up
0.01
V/°C
Humidity
non-condensing
0
95
%
Altitude
0
7000
ft.
0
2133
m
Heat Dissipation
@54V
980
Btu/hr
Audible Noise
2 ft. from any vertical surface
<65
dBa



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com