Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VKA150MS Datasheet(PDF) 1 Page - C&D Technologies

Part # VKA150MS
Description  150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VKA150MS Datasheet(HTML) 1 Page - C&D Technologies

  VKA150MS Datasheet HTML 1Page - C&D Technologies VKA150MS Datasheet HTML 2Page - C&D Technologies VKA150MS Datasheet HTML 3Page - C&D Technologies VKA150MS Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
150 Watt Single Output Half Brick DC/DC Converter
VKA150MS
VKA150MS
VKA150MS
VKA150MS
VKA150MS
!
!
!
!
!
33 - 75V Input Range
!
!
!
!
!
High Efficiency: 85% Typical at
5V
!
!
!
!
!
100
µS Transient Response 50-
100% Load Step
!
!
!
!
!
420 kHz Fixed-Frequency
Operation
!
!
!
!
!
Remote Sense
!
!
!
!
!
UL/CUL 1950, VDE EN60950
!
!
!
!
!
Operation to +100
°C Baseplate
Temperature
!
!
!
!
!
Primary Remote On/Off, Choice of
Pos/Neg Logic
!
!
!
!
!
Adjustable Output Voltage
!
!
!
!
!
Continuout Short-Circuit Protection
!
!
!
!
!
Thermal Shutdown
!
!
!
!
!
Case Ground Pin
Corporate: www.cdtechno.com
Product: www.cdpoweronline.com
The VKA150MS Series DC/DC
converters present an economical
and practical solution for distrib-
uted power system architectures
which require high power density
and efficiency while maintaining
system modularity and
upgradeability. With the ability to
operate over a wide input voltage
range of 33 to 75 volts, these
modules are ideal for use in
battery backup applications com-
mon in todays' telecommunication
and electronic data processing
applications. The output is fully
isolated from the input, allowing
for a variety of polarity and
grounding configurations.
The VKA150MS's proprietary
control circuitry responds to 50-
100% load steps in 100
µSeconds
to within 1% nominal Vout.
The patented fixed frequency
architecture combined with sur-
face mount technology results in a
compact, efficient and reliable
solution to DC/DC conversion
requirements. Safety approvals per
UL/CUL 1950, EN 60950
VKA150 MSzz -
Device Family
Indicates 150 Watt Regulated Unit
Model Number
Selected from Table of Electrical Characteristics
Where:
zz = Output Voltage (05=5V, 12=12V,15=15V,etc.)
Lead Length
0.200" -
No Number
0.145" -
(6)
0.110" -
(8)
Remote On-Off Logic:
Positive - No Number
Negative - (1)
MODEL
INPUT
VOUT
IOUT
EFFICIENCY
VOLTAGE
(VDC)
(A)
MIN
TYP
VKA150MS05
48VDC
5.0V
30.0
84
85
VKA150MS12
48VDC
12.0V
12.5
88
89
VKA150MS15
48VDC
15.0V
10.0
88
89
VKA150MS24
48VDC
24.0V
6.25
89
90
PRODUCT SELECTION CHART
VKA150MS
Rev C
1/2003


Similar Part No. - VKA150MS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
150 Watt Single Output Half Brick DC/DC Converter
More results

Similar Description - VKA150MS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB100S CANDD-IHB100S Datasheet
241Kb / 4P
10 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA60XS CANDD-VKA60XS Datasheet
459Kb / 4P
50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
WPN30R CANDD-WPN30R Datasheet
120Kb / 4P
30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
30 Watt Single Output Half Brick DC/DC Converter
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
50 Watt Single Output Half Brick DC/DC Converter
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
150 Watt Single Output Half Brick DC/DC Converter
logo
AIMTEC
AM150HB-UZ AIMTEC-AM150HB-UZ Datasheet
425Kb / 4P
150 Watt | Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com