Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VKA60XS Datasheet(PDF) 1 Page - C&D Technologies

Part # VKA60XS
Description  50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VKA60XS Datasheet(HTML) 1 Page - C&D Technologies

  VKA60XS Datasheet HTML 1Page - C&D Technologies VKA60XS Datasheet HTML 2Page - C&D Technologies VKA60XS Datasheet HTML 3Page - C&D Technologies VKA60XS Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
60 Watt Single Output Half Brick DC/DC Converter
VKA60xS
18-36 V & 33 - 75V Input Range
High Efficiency: 87% Typical at
5V
100
µS Transient Response 50-
100% Load Step
420 kHz Fixed-Frequency
Operation
Remote Sense
Operation to +100
°C Baseplate
Temperature
Primary Remote On/Off, Choice of
Pos/Neg Logic
Adjustable Output Voltage
Continuout Short-Circuit Protection
Thermal Shutdown
Case Ground Pin
Corporate: www.cdtechno.com
Product: www.cdpowerelectronics.com
The VKA60xS Series DC/DC
converters present an economical and
practical solution for distributed
power system architectures which
require high power density and
efficiency while maintaining system
modularity and upgradeability. With
the ability to operate over a wide
input voltage range of 18 to 36 and
33 to 75 volts, these modules are
ideal for use in battery backup
applications common in todays'
telecommunication and electronic
data processing applications. The
output is fully isolated from the
input, allowing for a variety of
polarity and grounding configura-
tions.
The VKA60xS's proprietary
control circuitry responds to 50-100%
load steps in 100
µSeconds to within
1% nominal Vout.
The patented fixed frequency
architecture combined with surface
mount technology results in a com-
pact, efficient and reliable solution to
DC/DC conversion requirements.
Safety per UL1950, EN 60950 and
CSA 22.2 #234
MODEL
INPUT
VOUT
IOUT
EFFICIENCY
VOLTAGE
(VDC)
(A)
MIN
TYP
VKA60LS03
3.3V
12.0
80
81
VKA60LS05
24VDC
5.0V
12.0
85
86
VKA60LS12
12.0V
5.0
87
88
VKA60LS15
(18-36)
15.0V
4.0
88
89
VKA60LS24
24.0V
2.5
89
90
VKA60MS03
3.3V
12.0
81
82
VKA60MS05
48VDC
5.0V
12.0
86
87
VKA60MS12
12.0V
5.0
88
89
VKA60MS15
(33-75)
15.0V
4.0
89
90
VKA60MS24
24.0V
2.5
89
90
PRODUCT SELECTION CHART


Similar Part No. - VKA60XS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKA60LS03C MURATA-PS-VKA60LS03C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
VKA60LS05C MURATA-PS-VKA60LS05C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
VKA60LS12C MURATA-PS-VKA60LS12C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
VKA60LS15C MURATA-PS-VKA60LS15C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
VKA60LS24C MURATA-PS-VKA60LS24C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
More results

Similar Description - VKA60XS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB100S CANDD-IHB100S Datasheet
241Kb / 4P
10 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA50XS CANDD-VKA50XS Datasheet
460Kb / 4P
50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
WPN30R CANDD-WPN30R Datasheet
120Kb / 4P
30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
30 Watt Single Output Half Brick DC/DC Converter
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
50 Watt Single Output Half Brick DC/DC Converter
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
150 Watt Single Output Half Brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com