Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRUH330118BKB Datasheet(PDF) 2 Page - International Rectifier

Part # IRUH330118BKB
Description  Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330118BKB Datasheet(HTML) 2 Page - International Rectifier

  IRUH330118BKB Datasheet HTML 1Page - International Rectifier IRUH330118BKB Datasheet HTML 2Page - International Rectifier IRUH330118BKB Datasheet HTML 3Page - International Rectifier IRUH330118BKB Datasheet HTML 4Page - International Rectifier IRUH330118BKB Datasheet HTML 5Page - International Rectifier IRUH330118BKB Datasheet HTML 6Page - International Rectifier IRUH330118BKB Datasheet HTML 7Page - International Rectifier IRUH330118BKB Datasheet HTML 8Page - International Rectifier IRUH330118BKB Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com
IRUH330118BK
IRUH330118BP
Notes:
 Connected as shown in Fig.1 and measured at the junction of V
OUT and VSENSE Pins.
‚ Under normal closed-loop operation. Guaranteed by design. Not tested in production.
Electrical Characteristics c
Pre-Radiation @TC = 25°C, VIN = 3.3V (Unless Otherwise Specified)
Parameter
Test Conditions
Symbol
Min. Typ. Max. Units
2.8V
≤ VIN ≤ 3.8V, 50mA ≤ IOUT ≤ 3.0A
1.773
1.8
1.827
2.8V
≤ VIN ≤ 3.8V, 50mA ≤ IOUT ≤ 3.0A,
Output Voltage
c
-55°C to +125°C
VOUT
V
2.8V
≤ VIN ≤ 3.8V, 50mA ≤ IOUT ≤ 3.0A,
Post -Rad
Over-Current Latching, -55°C to +125°C,
Post -Rad
Over-Current Time-to-Latch
IO > ILATCH
tLATCH
-
10
-
ms
Maximum Shutdown Temp.
d
TLATCH
125
140
-
°C
F= 120Hz, IO = 50mA, -55°C to +125°C
65
-
-
F= 120Hz, IO = 50mA, Post -Rad
40
-
-
VSENSE Pin Current d
-55°C to +125°C
ISENSE
-1.6
-
mA
Minimum SHDN Pin "On"
ISOURCE = 200µA, -55°C to +125°C
Threshold Voltage
Post -Rad
Maximum SHDN Pin "Off"
ISOURCE = 200µA, -55°C to +125°C
Threshold Voltage
Post -Rad
RLOAD = 36 Ohms, VSHDN = 3.3V
-55°C to +125°C, Post-Rad
SHDN Pin Leakage Current
d VSHDN = 3.3V, -55°C to +125°C,Post-Rad
ISHDN
-10
-
10
µA
VSHDN = 0.4V
-98
-
-56
SHDN Pin Pull-Up Current
d
VSHDN = 0.4V, -55°C to +125°C
ISHDN
-140
-
-30
µA
VSHDN = 0.4V, Post-Rad
-98
-
-56
Power On Reset Threshold
d Sweep VIN and Measure Output
VT-POR
-1.7
-V
No Load
-
-
15
Full Load
-
-
90
V
Output Voltage at Shutdown
VOUT
-0.1
-
0.1
V
VSHDN
1.2
-
-
V
VSHDN
--
0.8
Current Limit
Ripple Rejection
d
PSRR
dB
ILATCH
3.5
-
-
IQ
mA
Quiescent Current
d
1.746
1.8
1.854
1.737
1.8
1.836
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com