Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M3G5003R3SCKC Datasheet(PDF) 12 Page - International Rectifier

Part # M3G5003R3SCKC
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G5003R3SCKC Datasheet(HTML) 12 Page - International Rectifier

Back Button M3G5003R3SCKC Datasheet HTML 5Page - International Rectifier M3G5003R3SCKC Datasheet HTML 6Page - International Rectifier M3G5003R3SCKC Datasheet HTML 7Page - International Rectifier M3G5003R3SCKC Datasheet HTML 8Page - International Rectifier M3G5003R3SCKC Datasheet HTML 9Page - International Rectifier M3G5003R3SCKC Datasheet HTML 10Page - International Rectifier M3G5003R3SCKC Datasheet HTML 11Page - International Rectifier M3G5003R3SCKC Datasheet HTML 12Page - International Rectifier M3G5003R3SCKC Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
www.irf.com
M3G-SERIES
(50V Input, Single/Dual Output)
Mechanical Diagram
Pin Designation (Single/Dual)
Pin #
Designation
Pin #
Designation
1
+ Input
8
NC / Adjust
2
Input Return
9
- Sense / NC
3
Inhibit
10
+ Sense / NC
4
Sync. Input
11
NC / - Output
5
Sync. Output
12
Output Return
6
Case Ground
13
+ Output
7
NC
3.055 MAX.
0.500
2.00
0.45
1.10
2.500
2.30
0.200 Typ.
Non-
cum.
0.30
1.400
Ref.
3.50
Ref.
0.475
MAX.
0.080
Max.
0.260
Pin
Ø0.040
R0.0625
4 places
0.50
0.60
0.20
Tolerance : .XX
±0.01
.XXX ±0.005
1
2
3
4
5
12
13
11
10
9
8
7
6
0.25
2.055
MAX.
FLANGE DETAIL
0.40
0.25
0.14
R0
.06
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com