Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M3G5012SCKA Datasheet(PDF) 7 Page - International Rectifier

Part # M3G5012SCKA
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G5012SCKA Datasheet(HTML) 7 Page - International Rectifier

Back Button M3G5012SCKA Datasheet HTML 3Page - International Rectifier M3G5012SCKA Datasheet HTML 4Page - International Rectifier M3G5012SCKA Datasheet HTML 5Page - International Rectifier M3G5012SCKA Datasheet HTML 6Page - International Rectifier M3G5012SCKA Datasheet HTML 7Page - International Rectifier M3G5012SCKA Datasheet HTML 8Page - International Rectifier M3G5012SCKA Datasheet HTML 9Page - International Rectifier M3G5012SCKA Datasheet HTML 10Page - International Rectifier M3G5012SCKA Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.irf.com
7
M3G-SERIES
(50V Input, Single/Dual Output)
Figure 2. Block Diagram - Dual Output
12
11
+OUTPUT
RETURN
4
SYNC.
INPUT
8
ADJUST
6
CASE
GROUND
5
SYNC.
OUTPUT
+
-
+
-
SHORT CIRCUIT
&
OVERLOAD
+
-
OSCILLATOR
RAMP
GENERATOR
SAMPLE
&
HOLD
FEEDBACK
TRIGGER
PWM
EA
+5V
+5V
13
-OUTPUT
1
3
2
Vin
INHIBIT
RETURN
LEVEL
TRANSLATOR
& FET DRIVE
BIAS
SUPPLY
UNDER VOLTAGE
LOCKOUT
& INHIBIT
EMI
FILTER
+10.5V
+5V
Figure 1. Block Diagram - Single Output
1
3
2
13
12
Vin
INHIBIT
RETURN
+OUTPUT
RETURN
4
SYNC.
INPUT
9
+SENSE
10
-SENSE
6
CASE
GROUND
5
SYNC.
OUTPUT
+
-
+
-
LEVEL
TRANSLATOR
& FET DRIVE
BIAS
SUPPLY
UNDER VOLTAGE
LOCKOUT
& INHIBIT
EMI
FILTER
SHORT CIRCUIT
&
OVERLOAD
+10.5V
+5V
+
-
OSCILLATOR
RAMP
GENERATOR
SAMPLE
&
HOLD
FEEDBACK
TRIGGER
PWM
EA
RS
+5V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com