Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT2801QL-T0550 Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT2801QL-T0550
Description  5V/1.5A Backup Battery Pack Manager
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801QL-T0550 Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT2801QL-T0550 Datasheet HTML 13Page - Active-Semi, Inc ACT2801QL-T0550 Datasheet HTML 14Page - Active-Semi, Inc ACT2801QL-T0550 Datasheet HTML 15Page - Active-Semi, Inc ACT2801QL-T0550 Datasheet HTML 16Page - Active-Semi, Inc ACT2801QL-T0550 Datasheet HTML 17Page - Active-Semi, Inc ACT2801QL-T0550 Datasheet HTML 18Page - Active-Semi, Inc ACT2801QL-T0550 Datasheet HTML 19Page - Active-Semi, Inc ACT2801QL-T0550 Datasheet HTML 20Page - Active-Semi, Inc ACT2801QL-T0550 Datasheet HTML 21Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
ACT2801
Rev 0, 21-Jan-14
Innovative PowerTM
- 21 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActiveSwitcher
TM is a trademark of Active-Semi.
PACKAGE OUTLINE
QFN44-24 PACKAGE OUTLINE AND DIMENSIONS
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com.
is a registered trademark of Active-Semi.
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.200 REF
0.008 REF
b
0.180
0.300
0.007
0.012
D
3.850
0.152
E
3.850
0.152
D2
2.500
2.800
0.098
0.110
E2
2.500
2.800
0.098
0.110
e
0.500 BSC
0.020 BSC
L
0.350
0.450
0.014
0.018
R
0.200 TYP
0.008 TYP
4.150
4.150
0.163
0.163
K
0.200
0.008
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com