Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3430 Datasheet(PDF) 40 Page - ams AG

Part # AS3430
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3430 Datasheet(HTML) 40 Page - ams AG

Back Button AS3430 Datasheet HTML 36Page - ams AG AS3430 Datasheet HTML 37Page - ams AG AS3430 Datasheet HTML 38Page - ams AG AS3430 Datasheet HTML 39Page - ams AG AS3430 Datasheet HTML 40Page - ams AG AS3430 Datasheet HTML 41Page - ams AG AS3430 Datasheet HTML 42Page - ams AG AS3430 Datasheet HTML 43Page - ams AG AS3430 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
40 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - R e g i s t e r D e s c r i p t i o n
Table 36. CONFIG_1 Register
Name
Base
Default
CONFIG_1
2-wire serial
00h
Offset: 3Eh
OTP Configuration Register
Controls the clock configuration. This is a special register, writing needs to be enabled by writing 9h to
Reg 20h first. This register is reset at POR and gets loaded with the OTP fuse contents.
Bit
Bit Name
Default
Access
Bit Description
7:4
-
0000
n/a
3
EXTBURNCLK
0
n/a
0: ext. clock for OTP burning disabled
1: ext. clock for OTP burning enabled
2:0
-
000
n/a
Table 37. CONFIG_2 Register
Name
Base
Default
CONFIG_2
2-wire serial
00h
Offset: 3Fh
OTP Access Configuration Register
Controls the OTP access. This is a special register, writing needs to be enabled by writing 9h to Reg 20h
first. This register is reset at POR and gets loaded with the OTP fuse contents.
Bit
Bit Name
Default
Access
Bit Description
7:6
-
000
n/a
5
TM34
0
n/a
This Register defines the Register bank selection for Register
TM_REG34-35 and TMREG30-33. Depending on TM34 you can select
either between Register bank 14h-17h and 10h-13h enabled or 30h-33h and
34h-37h enabled.
0: test mode Registers 14h-17h and 10h-13h disabled
test mode Registers 30h-33h and 34h-37h enabled
1: test mode Registers 14h-17h and 10h-13h enabled
test mode Registers 30h-33h and 34h-37h disabled
4
BURNSW
0
n/a
0: BURN switch from LINL to VNEG is disabled
1: BURN switch from LINL to VNEG is enabled
3
TM_REG34-35
0
n/a
0: test mode for Register 34h-35h disabled
test mode for Register 14h-17h disabled
1: test mode for Register 34h-35h enabled
test mode for Register 14h-17h enabled
2
TM_REG30-33
0
n/a
0: test mode for Register 30h-33h disabled
test mode for Register 10h-13h disabled
1: test mode for Register 30h-33h enabled
test mode for Register 10h-13h enabled
1:0
OTP_MODE<1:0>
00
R/W
Controls the OTP access
00: READ
01: LOAD
10: WRITE
11: BURN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com