Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP330EEY-L/TR Datasheet(PDF) 6 Page - Exar Corporation

Part # SP330EEY-L/TR
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP330EEY-L/TR Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP330EEY-L/TR Datasheet HTML 2Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 3Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 4Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 5Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 6Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 7Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 8Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 9Page - Exar Corporation SP330EEY-L/TR Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SP330E
6
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
REV. 1.0.0
TIMING CHARACTERISTICS
UNLESS OTHERWISE NOTED: 
VCC = +3.0V to +5.5V, C1-C4 = 0.1µF; TA = TMIN to TMAX. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
ALL MODES
tENABLE
Enable from Shutdown
1000
ns
tSHUTDOWN
Enable to Shutdown
1000
ns
RS-232, DATA RATE = 250kbps (SLEW = 0V), ONE TRANSMITTER SWITCHING
Maximum Data Rate
250
kbps
RL = 3k, CL = 1000pF
tRHL, tRLH
Receiver Propagation Delay
100
ns
CL = 150pF, Figure 7
t
RHL-tRLH
Receiver Propagation Delay Skew
100
ns
tDHL, tDLH
Driver Propagation Delay
1400
ns
RL = 3k, CL = 2500pF,
Figure 8
t
DHL-tDLH
Driver Propagation Delay Skew
600
ns
tSHL, tSLH
Transition Region Slew Rate from
+3.0V to -3.0V or -3.0V to +3.0V
6
30
V/µs
VCC = +3.3V, RL = 3kto 7k,
CL = 150pF to 2500pF,
TA = 25°C, Figure 8
tSHL, tSLH
Transition Region Slew Rate from
+3.0V to -3.0V or -3.0V to +3.0V
4
30
V/µs
VCC = +3.3V, RL = 3kto 7k,
CL = 150pF to 2500pF,
Figure 8
RS-232, DATA RATE = 1Mbps (SLEW = VCC), ONE TRANSMITTER SWITCHING
Maximum Data Rate
1
Mbps RL = 3k, CL = 250pF
tRHL, tRLH
Receiver Propagation Delay
100
ns
CL = 150pF, Figure 7
t
RHL-tRLH
Receiver Propagation Delay Skew
100
ns
tDHL, tDLH
Driver Propagation Delay
300
ns
RL = 3k, CL = 1000pF,
Figure 8
t
DHL-tDLH
Driver Propagation Delay Skew
150
ns
tSHL, tSLH
Transition Region Slew Rate from
+3.0V to -3.0V or -3.0V to +3.0V
13
150
V/µs
VCC = +3.3V, RL = 3kto 7k,
CL = 150pF to 1000pF,
Figure 8
tSHL, tSLH
Transition Region Slew Rate from
+3.0V to -3.0V or -3.0V to +3.0V
24
150
V/µs
VCC = +3.3V, RL = 3kto 7k,
CL = 150pF to 1000pF,
TA = 25°C, Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com