Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS334IYPT Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS334IYPT
Description  Micropower low-voltage, rail-to-rail comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS334IYPT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS334IYPT Datasheet HTML 19Page - STMicroelectronics TS334IYPT Datasheet HTML 20Page - STMicroelectronics TS334IYPT Datasheet HTML 21Page - STMicroelectronics TS334IYPT Datasheet HTML 22Page - STMicroelectronics TS334IYPT Datasheet HTML 23Page - STMicroelectronics TS334IYPT Datasheet HTML 24Page - STMicroelectronics TS334IYPT Datasheet HTML 25Page - STMicroelectronics TS334IYPT Datasheet HTML 26Page - STMicroelectronics TS334IYPT Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
DocID17272 Rev 4
25/27
TS331, TS332, TS334
Ordering information
5
Ordering information
Table 15. Order codes
Order code
Temperature range
Package
Packaging
Marking
TS331ILT
-40 °C, +125 °C
SOT23-5
Tape and reel
K506
TS331IYLT(1)
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q 002 or equivalent.
K513
TS331ICT
SC70-5
K55
TS331IQT
DFN6 1.2x1.3
K3
TS332IQ2T
DFN8 2x2
K55
TS332IDT
SO8
332I
TS332IYDT(1)
332IY
TS332IST
MiniSO8
K507
TS334IQ4T
QFN16 3x3
K307
TS334IDT
SO14
334I
TS334IYDT(1)
334IY
TS334IPT
TSSOP14
334I
TS334IYPT(1)
334IY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com