Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT25C02 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT25C02
Description  1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C02 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25C02 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
CAT25C01/02/04/08/16
Doc. No. 25067-00 5/00
Advanced Information
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
DESIGN CONSIDERATIONS
The CAT25C01/02/04/08/16
powers up in a write
disable state and in a low power standby mode. A
WREN instruction must be issued to perform any writes
to the device after power up. Also,on power up
CS
should be brought low to enter a ready state and
receive an instruction. After a successful byte/page
write or status register write, the CAT25C01/02/04/08/
16 goes into a write disable mode.
CS must be set high
Figure 8. Page Write Instruction Timing
Note: Dashed Line= mode (1, 1) – ––––
Note: Dashed Line= mode (1, 1) – ––––
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
Data
Byte 1
012345678
21
22
23 24-31
32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
Figure 10.
WP
WP
WP
WP
WP Timing
Note: Dashed Line= mode (1, 1) – ––––
tCSH
CS
SCK
WP
WP
tWPS
tWPH
after the proper number of clock cycles to start an
internal write cycle. Access to the array during an
internal write cycle is ignored and programming is
continued. On power up, SO is in a high impedance. If
an invalid op code is received, no data will be shifted
into the CAT25C01/02/04/08/16, and the serial output
pin (SO) will remain in a high impedance state until the
falling edge of
CS is detected again.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com