Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1601616CD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM1601616CD
Description  1.50 inch 16x16 Dot Matrix LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM1601616CD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM1601616CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM1601616CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM1601616CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121854
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.5 inch 16x16 Dot Matrix LED Display
Internal Circuit Diagram
LM1601616D (Common Cathode Row)
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM1601616CR
LM1601616DR
GaAlAs
Super Red
640
8
10
LM1601616CD
LM1601616DD
GaAlAs
Hi-Red
640
18
25
LM1601616CO
LM1601616DO
GaAsP
Orange
625
7
9
LM1601616CY
LM1601616DY
GaAsP
Yellow
588
8
10
LM1601616CG
LM1601616DG
GaP
Green
568
7
9
LM1601616CUR
LM1601616DUR
AlGaInP
Ultra Red
640
30
45
LM1601616CUO
LM1601616DUO
AlGaInP
Ultra Orange
625
45
60
LM1601616CUA
LM1601616DUA
AlGaInP
Ultra Amber
605
30
45
LM1601616CUY
LM1601616DUY
AlGaInP
Ultra Yellow
595
30
45
LM1601616CUG
LM1601616DUG
AlGaInP
Ultra Green
573
30
45
LM1601616CPG
LM1601616DPG
InGaN
Pure Green
525
120
300
LM1601616CUB
LM1601616DUB
InGaN
Ultra Blue
470
30
45
LM1601616CUW
LM1601616DUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com