Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM40044ABRG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM40044ABRG
Description  4.00 inch 4x4 Dual Color Dot Matrix LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM40044ABRG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM40044ABRG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM40044ABRG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM40044ABRG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121845
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 4x4 Dual Color Dot Matrix LED Display
Internal Circuit Diagram
LM40044ARG (Common Cathode Row)
LM40044BRG (Common Anode Row)
1
1
2
1
2
1
3 0
1
1
9 5
6
6
7
7
1
1
2
2
3
3
4
4
1
11
1
88
4
4
22
11
22
3
3
4
4
PI N
NO.
PI N
NO.
PI N
NO.
PI N
NO.
.
L
O
C
.
L
O
C
3 0 9 5
Selection Guide
4.00 inch 4x4 Red-Green LED dot matrix module, Matrix Height: 108.80mm(4.00 inch), External Dimensions:
108.80x108.80x17.00mm (LxWxH)
Part No.
Chip
Iv(mcd)@20mA
One Dot
Description
Common
Cathode Row
Common
Anode Row
Material
Color
W LD
(nm)
Min.
Typ.
GaAlAs
Super Red
640
24
30
Standard
Brightness
LM40044ARG
LM40044BRG
GaP
Green
568
21
27
AlGaInP
Ultra Red
640
90
135
Ultra-High
Brightness
LM40044AURUG
LM40044BURUG
AlGaInP
Ultra Green
573
90
135



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com