Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT33C804APITE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT33C804APITE13
Description  4K-Bit Secure Access Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT33C804APITE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT33C804APITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT33C804APITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT33C804APITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT33C804APITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT33C804APITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT33C804APITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT33C804APITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT33C804APITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT33C804APITE13 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Preliminary
CAT33C804A
6
Doc. No. 25044-00 2/98
CLK
The System Clock is a TTL compatible input pin that
allows operation of the device at a specified frequency.
The CAT33C804A is designed with an internal divider to
produce a 9600 baud output for an input clock frequency
of 4.9152 MHz.
DI
The Data Input pin is TTL compatible and accepts data
and instructions in a serial format. Each byte must begin
with “0” as a start bit. The device will accept as many
bytes as an instruction requires, including both data and
address bytes. Extra bits will be disregarded if they are
“1”s and extra “0”s will be misinterpreted as the start bit
of the next instruction. An instruction error will cause the
device to abort operation and all I/O communication will
be terminated until a reset is received.
DO
The Data Output pin is a tri-state TTL compatible output.
It is normally in a high impedance state unless a READ
or an ENABLE BUSY instruction is executed. Following
the completion of a 16-bit or 8-bit data stream, the output
will return to the high impedance state. During a pro-
gram/erase cycle, if the ENABLE BUSY instruction has
been previously executed, the output will stay LOW
while the device is BUSY, and it will be set HIGH when
the program/erase cycle is completed. DO will stay
HIGH until the completion of the next instruction’s op-
code and, if the next instruction is a READ, DO will output
the appropriate data at the end of the instruction. If the
ENABLE BUSY instruction has not been previously
executed, DO will stay in a high impedance state. DO will
CS
DI
HIGH-Z
DO
OP0–OP7
tEW
BUSY(1)
OP CODE
A8–A15
ADDRESS
A0–A7
ADDRESS
D0–D7
DATA
Figure 5. Program/Erase Timing (x16 Format)
Figure 4. Program/Erase Timing (x8 Format)
33C804 F07
CS
DI
HIGH-Z
DO
OP0–OP7
tEW
BUSY(1)
OP CODE
A0–A7
ADDRESS
D8–D15
DATA
D0–D7
DATA
33C804 F08
Note:
(1) DO becomes low to indicate busy status if ENBSY was previously executed. If ENBSY was not previously executed, DO will be in the
High-Z condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com