Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM30057ABRG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM30057ABRG
Description  LM30057A/BRG Series . 3.00 inch 5x7 Dual Color Dot Matrix LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM30057ABRG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM30057ABRG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM30057ABRG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM30057ABRG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121841
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 3.00 inch 5x7 Dual Color Dot Matrix LED Display
Internal Circuit Diagram
LM30057ARG (Common Cathode Row)
LM30057BRG (Common Anode Row)
9 NO CONNECT
4
5
7
6
3
= ORANGE
= GREEN
6
5
8
14
17
4
ROW
1
2
18
15
NO.
16
COL.
NO.
PIN
PIN
1
1
3
2
2
13
3
5
12
4
7
10 11
9 NO CONNECT
3
5
4
6
7
= ORANGE
= GREEN
6
5
8
17
14
2
ROW
18
15
1
16
NO.
NO.
PIN
COL.
PIN
1
1
2
23
3
13
5
4
4
12 7
10 11
Selection Guide
3.00 inch 5x7 Red-Green LED dot matrix module, Matrix Height: 79.80mm(3.00 inch), External Dimensions:
56.90x79.80x8.90mm (LxWxH)
Part No.
Chip
Iv(mcd)@20mA
One Dot
Description
Cathode Row
Anode Row
Material
Color
W LD
(nm)
Min.
Typ.
GaAlAs
Super Red
640
12
15
Standard
Brightness
LM30057ARG
LM30057BRG
GaP
Green
568
10.5
13.5
AlGaInP
Ultra Red
640
45
67.5
Ultra-High
Brightness
LM30057AURUG
LM30057BURUG
AlGaInP
Ultra Green
573
45
67.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com