Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT33C704PATE13 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT33C704PATE13
Description  4K-Bit Secure Access Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT33C704PATE13 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT33C704PATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 12Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 13Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary
CAT33C704
13
Doc. No. 25046-00 2/98
WRAL is executed. For protection against inadvertent
clearing or writing of data, the ERAL instruction is
required to be entered preceding the WRAL instruction.
RSEQ Read Sequentially
1100
1100 1011
1011
[A7–A0]
(x16 organization)
[A15–A8] [A7–A0]
(x8 organization)
Read memory starting from specified address, sequen-
tially to the highest address or until CS goes LOW. The
instruction is terminated when CS goes LOW.
ENBSY Enable Busy
1000 0100
Enable the status indicator on DO during program/erase
cycle. DO goes LOW then HIGH once the write cycle is
complete. DO will go to HIGH-Z at the end of the next op
code transmission.
DISBSY Disable Busy
1000 0101
Disable the status indicator on DO during program/
erase cycle.
EWEN Program/Erase Enable
1000 0001
Enable program/erase to be performed on non-pro-
tected portion of memory. This instruction must be
entered before any program/erase instruction will be
carried out. Once entered, it will remain valid until power-
down or an EWDS (Program/Erase Disable) is ex-
ecuted.
EWDS Program/Erase Disable
1000 0010
Disable all write and clear functions.
ORG Select Memory Organization
1000 011R
(where R = 0 or 1)
Set memory organization to 512 x 8 if R = 0.
Set memory organization to 256 x 16 if R = 1.
RSR Read Status Register
1100 1000
Output the contents of the 8-bit status register. The
contents of the first three bits of the register are 101,
which allows the user to quickly determine whether the
device is listening or is in an error condition. The next
three bits indicate parity error, instruction error and RDY/
BUSY status. The last two bits are reserved for future
use.
NOP No Operation
1000 0000
No Operation.
ORDERING INFORMATION
33C704 F17
Notes:
(1) The device used in the above example is a 33C704JI-TE13 (SOIC, Industrial Temperature, Tape & Reel)
Prefix
Device #
Suffix
33C704
J
I
-TE13
Product
Number
Tape & Reel
TE13: 2000/Reel
Package
P: PDIP
J: SOIC (JEDEC)
Temperature Range
Blank = Commercial (0˚C to +70˚C)
I = Industrial (-40˚C to +85˚C)
A = Automotive (-40˚ to +105˚C)*
CAT
* -40˚C to +125˚C is available upon request
Optional
Company ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com