Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS Datasheet(PDF) 3 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 3 Page - SPANSION

  S29GL01GS Datasheet HTML 1Page - SPANSION S29GL01GS Datasheet HTML 2Page - SPANSION S29GL01GS Datasheet HTML 3Page - SPANSION S29GL01GS Datasheet HTML 4Page - SPANSION S29GL01GS Datasheet HTML 5Page - SPANSION S29GL01GS Datasheet HTML 6Page - SPANSION S29GL01GS Datasheet HTML 7Page - SPANSION S29GL01GS Datasheet HTML 8Page - SPANSION S29GL01GS Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient pro-
duction volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the valid com-
binations offered may occur.
Publication Number S29GL_128S_01GS_00
Revision 08
Issue Date October 9, 2013
General Description
The Spansion® S29GL01G/512/256/128S are MirrorBit Eclipse flash products fabricated on 65 nm process technology. These
devices offer a fast page access time as fast as 15 ns with a corresponding random access time as fast as 90 ns. They feature
a Write Buffer that allows a maximum of 256 words/512 bytes to be programmed in one operation, resulting in faster effective
programming time than standard programming algorithms. This makes these devices ideal for today’s embedded applications
that require higher density, better performance and lower power consumption.
Distinctive Characteristics
 65 nm MirrorBit Eclipse Technology
 Single supply (V
CC) for read / program / erase (2.7V to 3.6V)
 Versatile I/O Feature
– Wide I/O voltage range (VIO): 1.65V to VCC
 x16 data bus
 Asynchronous 32-byte Page read
 512-byte Programming Buffer
– Programming in Page multiples, up to a maximum of 512 bytes
 Single word and multiple program on same word options
 Sector Erase
– Uniform 128-kbyte sectors
 Suspend and Resume commands for Program and Erase
operations
 Status Register, Data Polling, and Ready/Busy pin methods
to determine device status
 Advanced Sector Protection (ASP)
– Volatile and non-volatile protection methods for each sector
 Separate 1024-byte One Time Program (OTP) array with two
lockable regions
 Common Flash Interface (CFI) parameter table
 Temperature Range
– Industrial (-40°C to +85°C)
– In-Cabin (-40°C to +105°C)
 100,000 erase cycles for any sector typical
 20-year data retention typical
 Packaging Options
– 56-pin TSOP
– 64-ball LAA Fortified BGA, 13 mm x 11 mm
– 64-ball LAE Fortified BGA, 9 mm x 9 mm
– 56-ball VBU Fortified BGA, 9 mm x 7 mm
GL-S MirrorBit
® Eclipse™ Flash
Non-Volatile Memory Family
S29GL01GS
1 Gbit
(128 Mbyte)
S29GL512S
512 Mbit
(64 Mbyte)
S29GL256S
256 Mbit
(32 Mbyte)
S29GL128S
128 Mbit
(16 Mbyte)
CMOS 3.0 Volt Core with Versatile I/O
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com