Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

322X Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # 322X
Description  An extensive range of premium quality, problem solving adapters including 1/4, XLR, RCA, DMX, BNC, 75/110 Ohm, impedance matching transformers, and much more.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

322X Datasheet(HTML) 1 Page - Switchcraft, Inc.

  322X Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Home
About Us
Products
Applications
Sales Support
Contact Us
Search
Pro Audio / Broadcast
> DI Boxes, Mic Splitters, I/O Panels, Adapters, and other Accessories
> Audio & Video Adapters
Need more info? Contact Switchcraft customer service
enlarge
Audio & Video Adapters
An extensive range of premium quality, problem solving adapters including 1/4", XLR, RCA, DMX, BNC,
75/110 Ohm, impedance matching transformers, and much more.
denotes a special order
Product
Description
Typical Mating
Layout
Drawings
Distributor
Inventory
321X
XLR 3 Pin Female To RCA Male
check stock
322X
XLR 3 Pin Female To RCA Female
check stock
323X
XLR 3 Pin Male To RCA Male
check stock
324X
XLR 3 Pin Male To RCA Female
check stock
330F1X
2 female RCA to 1 male RCA
check stock
330F2X
1 Male RCA and 1 female RCA to 1 male RCA
check stock
330PX
2 RCA jacks to 1/4" TS plug, 4" cable
check stock
332AX
Old Style MC1M Microphone Connector To 1/4" 2 Conductor Phone Jack
check stock
336AX
1/4" Mono Female Jack To RCA Male Plug
check stock
340
2 1/4" TS jacks to 1/4" TS plug
check stock
345AX
RCA Female Jack To 1/4" Mono Plug
check stock
349AX
RCA Female To RCA Female
check stock
352A
1/4" TRS jack to 1/4" TS plug
check stock
361A
1/4" Mono Female To 1/4" Mono Female Jack
check stock
362A
1/4" Stereo Female To 1/4" Mono Female Jack
check stock
363X
1/4" Mono Male Plug To 1/4" Mono Male Plug
check stock
366
AES- EBU Adapter (110
- 75 Ohm), Female XLR to BNC
check stock
367
AES- EBU Adapter (110
- 75 Ohm), Male XLR to BNC
check stock
383AX
XLR 3 Pin Female To 3 Conductor 1/4" Jack
check stock
384AX
XLR 3 Pin Male To 3 Conductor 1/4" Jack
check stock
386AX
XLR 3 Pin Female To 3 Conductor 1/4" Plug
check stock
387AX
XLR 3 Pin Male To 3 Conductor 1/4" Plug
check stock
389X
XLR 3 Pin Female To XLR 3 Pin Female
check stock
390X
XLR 3 Pin Male To XLR 3 Pin Male
check stock
44X
Female 2500 Series to 1/4" TS plug
check stock
S3F5MX
DMX Barrel Adapter 3 Pin Female To 5 Pin Male
check stock
S3FM
XLR 3 Pin Female To XLR 3 Pin Male
check stock
S5F3MX
DMX Barrel Adapter 5 Pin Female To 3 Pin Male
check stock
TA01
3 pin female XLR to 3 pin male mini XLR
check stock
TA02
4 pin XLR female to 4 pin mini XLR female
check stock
TA04
3 pin male XLR to 3 pin male mini XLR
check stock
TA05
4 Pin XLR male to 4 pin mini XLR female
check stock
5555 N Elston Ave
•
Chicago
•
Illinois
•
60630
•
USA
•
1.773.792.2700
Home
About Us
Sales
Contact Us
Login


Similar Part No. - 322X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
322 LITTELFUSE-322 Datasheet
1Mb / 3P
322/332 Series Lead-free 3AB, Very Fast-acting Fuse
logo
EDAC, All Rights Reserv...
322 EDAC-322 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
logo
France Joint
322 FRANCEJOINT-322 Datasheet
351Kb / 3P
ROD SEALS
logo
Littelfuse
322 LITTELFUSE-322 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
322 ADAFRUIT-322 Datasheet
152Kb / 2P
12mm Diffused Thin Digital RGB LED Pixels (Strand of 25) - WS2801
More results

Similar Description - 322X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A553-1506-6E BEL-A553-1506-6E Datasheet
227Kb / 1P
TOKENRINGTRANSFORMERS IMPEDANCE MATCHING AND ISOLATION TRANSFORMERS
logo
Rhombus Industries Inc.
T-12001 RHOMBUS-IND-T-12001 Datasheet
39Kb / 1P
Wideband RF Impedance Matching Transformers
T-12201 RHOMBUS-IND-T-12201 Datasheet
49Kb / 1P
Wideband RF Impedance Matching Transformers
logo
JFW Industries, Inc.
57ZT JFW-57ZT Datasheet
48Kb / 1P
Impedance Matching Transformers
logo
Pasternack Enterprises,...
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9171 PASTERNACK-PE9171 Datasheet
236Kb / 2P
50 Ohm BNC Male to 75 Ohm RCA Jack Adapter
logo
List of Unclassifed Man...
NA3MDF ETC-NA3MDF Datasheet
194Kb / 1P
Compact XLR 3 to 5 pole adapters for lighting (DMX) applications
logo
Pasternack Enterprises,...
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
logo
Pentair plc. All rights...
7DM PENTAIR-7DM Datasheet
254Kb / 2P
PROBLEM SOLVING AND SPECIAL APPLICATION CARTRIDGE
7TO-BW PENTAIR-7TO-BW Datasheet
199Kb / 2P
PROBLEM SOLVING AND SPECIAL APPLICATION CARTRIDGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com