Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

50FLZ-SM2-R-TB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 50FLZ-SM2-R-TB
Description  FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

50FLZ-SM2-R-TB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  50FLZ-SM2-R-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers 50FLZ-SM2-R-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
FLZ CONNECTOR
4.6
(0.7)
FJST
B
A
3.2
0.5
B
A
3.2
0.5
4.6
(0.7)
<Inner lock type>
5.1
0.7
FJST
B
A
3.6
0.5
5.1
0.7
FJST
B
A
3.6
0.5
Circuits
Model No.
Dimensions (mm)
AB
Normal type
Reverse type
Q'ty /
reel
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
30
33
06FLZ-SM2-TB
07FLZ-SM2-TB
08FLZ-SM2-TB
09FLZ-SM2-TB
10FLZ-SM2-TB
11FLZ-SM2-TB
12FLZ-SM2-TB
13FLZ-SM2-TB
14FLZ-SM2-TB
15FLZ-SM2-TB
16FLZ-SM2-TB
17FLZ-SM2-TB
18FLZ-SM2-TB
19FLZ-SM2-TB
20FLZ-SM2-TB
21FLZ-SM2-TB
22FLZ-SM2-TB
23FLZ-SM2-TB
24FLZ-SM2-TB
25FLZ-SM2-TB
26FLZ-SM2-TB
27FLZ-SM2-TB
28FLZ-SM2-TB
30FLZ-SM2-TB
33FLZ-SM2-TB
06FLZ-RSM2-TB
07FLZ-RSM2-TB
08FLZ-RSM2-TB
09FLZ-RSM2-TB
10FLZ-RSM2-TB
11FLZ-RSM2-TB
12FLZ-RSM2-TB
13FLZ-RSM2-TB
14FLZ-RSM2-TB
15FLZ-RSM2-TB
16FLZ-RSM2-TB
17FLZ-RSM2-TB
18FLZ-RSM2-TB
19FLZ-RSM2-TB
20FLZ-RSM2-TB
21FLZ-RSM2-TB
22FLZ-RSM2-TB
23FLZ-RSM2-TB
24FLZ-RSM2-TB
25FLZ-RSM2-TB
26FLZ-RSM2-TB
27FLZ-RSM2-TB
28FLZ-RSM2-TB
30FLZ-RSM2-TB
―
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.5
16.0
8.9
9.4
9.9
10.4
10.9
11.4
11.9
12.4
12.9
13.4
13.9
14.4
14.9
15.4
15.9
16.4
16.9
17.4
17.9
18.4
18.9
19.4
19.9
20.9
22.4
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
Material and Finish
Contact: Phosphor bronze, copper-undercoated, tin-plated (reflow treatment)
Slider housing: PA 6T, UL94V-0 (black)
Housing: PA 6T, UL94V-0
Nomal type...gray
Reverse type...natural
Solder tab: Phosphor bronze, copper-undercoated, tin-plated (reflow treatment)
Circuits
Model No.
Dimensions (mm)
AB
Normal type
Reverse type
Q'ty /
reel
13
30
32
34
36
40
42
45
50
―
30FLZ-SM2-R-TB
32FLZ-SM2-R-TB
34FLZ-SM2-R-TB
36FLZ-SM2-R-TB
40FLZ-SM2-R-TB
42FLZ-SM2-R-TB
45FLZ-SM2-R-TB
50FLZ-SM2-R-TB
13FLZ-RSM2-R-TB
―
32FLZ-RSM2-R-TB
34FLZ-RSM2-R-TB
36FLZ-RSM2-R-TB
40FLZ-RSM2-R-TB
―
―
―
6.0
14.5
15.5
16.5
17.5
19.5
20.5
22.0
24.5
13.1
21.6
22.6
23.6
24.6
26.6
27.6
29.1
31.6
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
<Inner lock type>
RoHS compliance This product displays (LF)(SN) on a label.
Note: The products listed above are supplied on embossed tape.
0.5±0.03
0.35±0.04
(N+1)
0.5×
±0.05
(N−1)
0.5×
±0.03
0.5
±0.1
Conductor
Cover layer
Reinforcing layer
Base layer
0.3±0.03
0.5
±0.1
Normal type
Reverse type
Normal type
Reverse type
Connector
Lead section dimensions of FFC and FPC
Note: N --- Number of circuits



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com