Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT93C86 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # AT93C86
Description  1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

AT93C86 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  AT93C86 Datasheet HTML 1Page - Catalyst Semiconductor AT93C86 Datasheet HTML 2Page - Catalyst Semiconductor AT93C86 Datasheet HTML 3Page - Catalyst Semiconductor AT93C86 Datasheet HTML 4Page - Catalyst Semiconductor AT93C86 Datasheet HTML 5Page - Catalyst Semiconductor AT93C86 Datasheet HTML 6Page - Catalyst Semiconductor AT93C86 Datasheet HTML 7Page - Catalyst Semiconductor AT93C86 Datasheet HTML 8Page - Catalyst Semiconductor AT93C86 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
CAT93C46/56/57/66/86
1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
FEATURES
s High Speed Operation:
– 93C46/56/57/66: 1MHz
– 93C86: 3MHz
s Low Power CMOS Technology
s 1.8 to 6.0 Volt Operation
s Selectable x8 or x16 Memory Organization
s Self-Timed Write Cycle with Auto-Clear
s Hardware and Software Write Protection
s Power-Up Inadvertant Write Protection
s 1,000,000 Program/Erase Cycles
s 100 Year Data Retention
s Commercial, Industrial and Automotive
Temperature Ranges
s Sequential Read (except 93C46)
s Program Enable (PE) Pin (93C86 only)
93C46/56/57/66/86 F02
PIN CONFIGURATION
DIP Package (P)
SOIC Package (J)
CMOS E2PROM floating gate technology. The devices
are designed to endure 1,000,000 program/erase cycles
and have a data retention of 100 years. The devices are
available in 8-pin DIP, 8-pin SOIC or 8-pin TSSOP
packages.
DESCRIPTION
The CAT93C46/56/57/66/86 are 1K/2K/2K/4K/16K-bit
Serial E2PROM memory devices which are configured
as either registers of 16 bits (ORG pin at VCC) or 8 bits
(ORG pin at GND). Each register can be written (or read)
serially by using the DI (or DO) pin. The CAT93C46/56/
57/66/86 are manufactured using Catalyst’s advanced
SOIC Package (S)
93C46/56/57/66/86
F01
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
+1.8 to 6.0V Power Supply
GND
Ground
ORG
Memory Organization
NC
No Connection
PE*
Program Enable
BLOCK DIAGRAM
Note: When the ORG pin is connected to VCC, the X16 organiza
tion is selected. When it is connected to ground, the X8 pin
is selected. If the ORG pin is left unconnected, then an
internal pullup device will select the X16 organization.
SOIC Package (K)
© 1998 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TSSOP Package (U)
*Only For 93C86
CS
SK
DI
DO
VCC
NC (PE*)
ORG
GND
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
ORG
GND
1
2
3
4
8
7
6
5
VCC
CS
SK
ORG
GND
DO
DI
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
ORG
GND
1
2
3
4
8
7
6
5
NC (PE*)
NC (PE*)
NC (PE*)
8
7
6
5
VCC
ORG
GND
DI
CS
SK
DO
1
2
3
4
NC (PE*)
VCC
ADDRESS
DECODER
MEMORY ARRAY
ORGANIZATION
DATA
REGISTER
MODE DECODE
LOGIC
CLOCK
GENERATOR
OUTPUT
BUFFER
DO
SK
CS
DI
ORG
GND
PE*
Doc. No. 25056-00 2/98 M-1


Similar Part No. - AT93C86

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C86-10SI-2.7 ATMEL-AT93C86-10SI-2.7 Datasheet
138Kb / 15P
Automotive Grade, Extended Temperature and Lead-Free Devices Available
AT93C86A ATMEL-AT93C86A Datasheet
721Kb / 18P
Three-wire Serial EEPROM
AT93C86A ATMEL-AT93C86A Datasheet
335Kb / 15P
Three-wire Automotive Temperature Serial EEPROM
AT93C86A ATMEL-AT93C86A Datasheet
451Kb / 14P
Three-wire Automotive Temperature Serial EEPROM 16K (2048 x 8 or 1024 x 16)
AT93C86A ATMEL-AT93C86A Datasheet
124Kb / 16P
3-wire Serial EEPROM
More results

Similar Description - AT93C86

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
1K/2K/4K-Bit SPI Serial E2PROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Microchip Technology
93AA46 MICROCHIP-93AA46_13 Datasheet
345Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com