Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT93C4613 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT93C4613
Description  Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C4613 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT93C4613 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C4613 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C4613 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C4613 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C4613 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C4613 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C4613 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C4613 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C4613 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
9-89
CAT93CXXXX
Stock No. 21084-01 2/98
Advanced Information
Figure 1. RESET Output Timing
Symbol
Parameter
Min.
Max.
Units
tGLITCH
Glitch Reject Pulse Width
100
ns
VRT
Reset Threshold Hystersis
15
mV
VOLRS
Reset Output Low Voltage (IOLRS=1mA)
0.4
V
VOHRS
Reset Output High Voltage
Vcc-0.75
V
Reset Threshold (Vcc=5V)
4.50
4.75
(93CXXXX-45)
Reset Threshold (Vcc=5V)
4.25
4.50
(93CXXXX-42)
Reset Threshold (Vcc=3.3V)
3.00
3.15
(93CXXXX-30)
Reset Threshold (Vcc=3.3V)
2.85
3.00
(93CXXXX-28)
Reset Threshold (Vcc=3V)
2.55
2.70
(93CXXXX-25)
tPURST
Power-Up Reset Timeout
130
270
ms
tRPD
VTH to RESET Output Delay
5
µs
VRVALID
RESET Output Valid
1
V
RESET CIRCUIT CHARACTERISTICS
VTH
V
GLITCH
t
VCC
PURST
t
PURST
t
RPD
t
RVALID
V
V
TH
RESET
RESET
RPD
t



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com