Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT64LC10LITE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT64LC10LITE13
Description  1K/2K/4K-Bit SPI Serial E2PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC10LITE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

  CAT64LC10LITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Discontinued
Parts
6
CAT64LC10/20/40
Doc. No. 1021, Rev. C
DEVICE OPERATION
The CAT64LC10/20/40 is a 1K/2K/4K-bit nonvolatile
memory intended for use with all standard controllers.
The CAT64LC10/20/40 is organized in a 64/128/256 x
16 format. All instructions are based on an 8-bit format.
There are four 16-bit instructions: READ, WRITE, EWEN,
and EWDS. The CAT64LC10/20/40 operates on a single
power supply ranging from 2.5V to 6.0V and it has an on-
chip voltage generator to provide the high voltage needed
during a programming operation. Instructions, addresses
and data to be written are clocked into the DI pin on the
rising edge of the SK clock. The DO pin is normally in a
high impedance state except when outputting data in a
READ operation or outputting RDY/
BSY status when
polled during a WRITE operation.
The format for all instructions sent to this device includes
a 4-bit start sequence, 1010, a 4-bit op code and an 8-
bit address field or dummy bits. For a WRITE operation,
Figure 2. Sychronous Data Timing
Figure 3. Read Instruction Timing
* Please check the instruction set table for address
SK
DI
CS
DO
tPD0,tPD1
tCSS
tDIS
tSKHI
tSKLOW
RESET
RDY/
BUSY
tRESS
tRC
tDIH
tCSH
tCSMIN
tHZ
tSV
tSV
tRESH
SK
DI
CS
DO
RESET
10101000
ADDRESS*
D15 D14
D1
D0
HIGH
RDY/
BUSY



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com