Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT93C8621 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT93C8621
Description  Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C8621 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT93C8621 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C8621 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C8621 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C8621 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C8621 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C8621 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C8621 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C8621 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C8621 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
9-94
Advanced Information
CAT93CXXXX
Stock No. 21084-01 2/98
Ordering Information
Figure 8. WRAL Instruction Timing
STATUS VERIFY
SK
CS
DI
DO
STANDBY
HIGH-Z
10
1
BUSY
READY
tSV
tHZ
tEW
tCS
DN
D0
0
0
Package
P = PDIP
S = SOIC (JEDEC)
J = SOIC (JEDEC)
K = SOIC (EIAJ)
U = TSSOP
Prefix
Device #
Suffix
93C46
S
I
TE13
Product
Number
93C46: 1K
93C56: 2K
93C57: 2K
93C66: 4K
93C86: 16K
Tape & Reel
TE13: 2000/Reel
-25
CAT
Temperature Range
Blank = Commercial (0˚ - 70˚C)
I = Industrial (-40˚ - 85˚C)
A = Automotive (-40˚ - 105˚C)*
* -40˚ to +125˚C is available upon request
ResetThreshold
Voltage
45: 4.5-4.75V
42: 4.25-4.5V
30: 3.0-3.15V
28: 2.85-3.0V
25: 2.55-2.7V
Optional
Company ID
Product
Variation
11 RESET on Pin 7, No WDT
12 RESET on Pin 7, No WDT
13 RESET on Pin 7, WDT on CS
14 RESET on Pin 7, WDT on CS
21 x16 Mode, RESET on Pin 7
22 x16 Mode, RESET on Pin 7
23 x8 Mode, RESET on Pin 7
24 x8 Mode, RESET on Pin 7
31 x16 Mode, No WDT
32 x8 Mode, No WDT
33 x16 Mode, WDT on CS
34 x8 Mode, WDT on CS
11
Note:
(1) The device used in the above example is a 93C4611SI-25TE13 (1K EEPROM, Reset on pin 7 & No WDT, SOIC, Industrial Temperature,
2.55V to 2.7 V Reset threshold voltage, Tape & Reel).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com