Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9524BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9524BCPZ
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9524BCPZ Datasheet HTML 1Page - Analog Devices AD9524BCPZ Datasheet HTML 2Page - Analog Devices AD9524BCPZ Datasheet HTML 3Page - Analog Devices AD9524BCPZ Datasheet HTML 4Page - Analog Devices AD9524BCPZ Datasheet HTML 5Page - Analog Devices AD9524BCPZ Datasheet HTML 6Page - Analog Devices AD9524BCPZ Datasheet HTML 7Page - Analog Devices AD9524BCPZ Datasheet HTML 8Page - Analog Devices AD9524BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
AD9524
Data Sheet
Rev. E | Page 4 of 56
SPECIFICATIONS
fVCXO = 122.88 MHz single-ended, REFA and REFB on differential at 30.72 MHz, fVCO = 3932.16 MHz, doubler is off, channel control
low power mode off, divider phase =1, unless otherwise noted. Typical is given for VDD = 3.3 V ± 5%, and TA = 25°C, unless otherwise
noted. Minimum and maximum values are given over the full VDD and TA (−40°C to +85°C) variation, as listed in Table 1.
CONDITIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
VDD3_PLL1, Supply Voltage for PLL1
3.3
V
3.3 V ± 5%
VDD3_PLL2, Supply Voltage for PLL2
3.3
V
3.3 V ± 5%
VDD3_REF, Supply Voltage Clock Output Drivers Reference
3.3
V
3.3 V ± 5%
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
3.3
V
3.3 V ± 5%
VDD1.8_OUT[x:y],1 Supply Voltage Clock Dividers
1.8
V
1.8 V ± 5%
TEMPERATURE
Ambient Temperature Range, TA
−40
+25
+85
°C
Junction Temperature, TJ
115
°C
1
x and y are the pair of differential outputs that share the same power supply. For example, VDD3_OUT[0:1] is Supply Voltage Clock Output OUT0, OUT0 (Pin 41 and Pin 40,
respectively) and Supply Voltage Clock Output OUT1, OUT1 (Pin 38 and Pin 37, respectively).
SUPPLY CURRENT
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLIES OTHER THAN CLOCK OUTPUT DRIVERS
VDD3_PLL1, Supply Voltage for PLL1
37
43
mA
Decreases by 9 mA typical if REFB is turned
off
VDD3_PLL2, Supply Voltage for PLL2
67
77.7
mA
VDD3_REF, Supply Voltage Clock Output Drivers
Reference
LVPECL Mode
5
6
mA
Only one output driver turned on; for each
additional output that is turned on, the current
increments by 1.2 mA maximum
LVDS Mode
4
4.8
mA
Only one output driver turned on; for each
additional output that is turned on, the current
increments by 1.2 mA maximum
HSTL Mode
3
3.6
mA
Values are independent of the number of
outputs turned on
CMOS Mode
3
3.6
mA
Values are independent of the number of
outputs turned on
VDD1.8_OUT[x:y],1 Supply Voltage Clock Dividers2
3.5
4.2
mA
Current for each divider: f = 245.76 MHz
CLOCK OUTPUT DRIVERS—LOWER POWER MODE OFF
Channel x control register, Bit 4 = 0
LVDS Mode, 7 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
11.5
13.2
mA
f = 122.88 MHz
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
40
45
mA
f = 983.04 MHz
LVDS Mode, 3.5 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
6.5
7.5
mA
f = 122.88 MHz
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
23
26.3
mA
f = 983.04 MHz
LVPECL Compatible Mode
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
13
14.4
mA
f = 122.88 MHz
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
41
46.5
mA
f = 983.04 MHz
HSTL Mode, 8 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
14
16.3
mA
f = 122.88 MHz
CMOS Mode (Single-Ended)
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
2
2.4
mA
f = 15.36 MHz, 10 pF load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com