Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9708 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9708
Description  8-Bit, 100 MSPS TxDAC D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9708 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9708 Datasheet HTML 2Page - Analog Devices AD9708 Datasheet HTML 3Page - Analog Devices AD9708 Datasheet HTML 4Page - Analog Devices AD9708 Datasheet HTML 5Page - Analog Devices AD9708 Datasheet HTML 6Page - Analog Devices AD9708 Datasheet HTML 7Page - Analog Devices AD9708 Datasheet HTML 8Page - Analog Devices AD9708 Datasheet HTML 9Page - Analog Devices AD9708 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD9708
–6–
REV. B
Typical AC Characterization Curves
FREQUENCY – MHz
70
60
40
0.1
1
100
10
50
65
55
45
THD @ 10MSPS
THD @ 50MSPS
THD
@ 100MSPS
SINAD @ 10MSPS
SINAD @ 100MSPS
SINAD @ 50MSPS
Figure 3. SINAD/THD vs. fOUT (AVDD
and DVDD = 5.0 V)
FREQUENCY – MHz
70
60
40
0.1
1
100
10
50
65
55
45
THD @ 10MSPS
THD @ 50MSPS
THD
@ 100MSPS
SINAD @ 10MSPS
SINAD @ 100MSPS
SINAD @ 50MSPS
Figure 6. SINAD/THD vs. fOUT (AVDD
and DVDD = 3.0 V)
fCLOCK = 25MSPS
fOUT = 7.81MHz
SFDR = +60.7dBc
AMPLITUDE = 0dBFS
0
–100
START: 0Hz
STOP: 12.5MHz
Figure 9. Single-Tone Spectral Plot
@ 25 MSPS
FREQUENCY – MHz
70
60
40
0.1
1
100
10
50
65
55
45
THD @ 10MSPS
THD @ 50MSPS
THD
@ 100MSPS
SINAD @ 10MSPS
SINAD @ 100MSPS
SINAD @ 50MSPS
Figure 4. SINAD/THD vs. fOUT (Differ-
ential Output, AVDD and DVDD = 5.0 V)
FREQUENCY – MHz
70
60
40
0.1
1
100
10
50
65
55
45
THD
@ 10MSPS
THD
@ 50MSPS
THD @ 100MSPS
SINAD @ 10MSPS
SINAD @ 100MSPS
SINAD @ 50MSPS
Figure 7. SINAD/THD vs. fOUT (Differ-
ential Output, AVDD and DVDD = 3.0 V)
fCLOCK = 125MSPS
fOUT = 27.0MHz
SFDR = +52.7dBc
AMPLITUDE = 0dBc
0
START: 0Hz
STOP: 62.5MHz
–100
Figure 10. Single-Tone Spectral
Plot @ 125 MSPS
FREQUENCY – MHz
55
50
30
1
100
10
40
45
35
IOUTFS = 20mA
IOUTFS = 10mA
IOUTFS = 5mA
IOUTFS = 2.5mA
Figure 5. SINAD vs. IOUTFS
@ 100 MSPS
FREQUENCY – MHz
52
50
42
0.1
10
1
46
48
44
IOUTFS = 20mA
IOUTFS = 5mA
IOUTFS = 2.5mA
IOUTFS = 10mA
Figure 8. SINAD vs. IOUTFS
@ 20 MSPS
TIME – 5ns/Div
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
0.6
–0.2
Figure 11. Step Response
(AVDD = +5 V or +3 V, DVDD = +5 V or +3 V, 50
Doubly Terminated Load,
Single-Ended Output, IOUTA, IOUTFS = 20 mA, TA = +25 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com