Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DNFF080LG115 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # DNFF080LG115
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DNFF080LG115 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  DNFF080LG115 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM FRONT
ASSEMBLY - VIEW FROM SIDE
ASSEMBLY - VIEW FROM BACK
PLATE CUTOUT
EXPLODED ISOMETRIC VIEW
DNFF080**115
Ha rdw a re
Finis h - Front Screen - ABS Plastic
Rated - 115 VAC, 50/60 Hz, 0.09 Amps
Free Flow Air Delivery - 32 CFM
- Back Panel - ABS Plastic
Colours
DNFF080BK115 - Black
DNFF080CG115 - Gray /Beige
DNFF080LG115 - Light Gray
DNFF080GY115 - Gray
8 Sc rews - Panhead Self-tapping 10-32 x 1/2"
4 Speed Nuts
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
DNFF080**115
75.00 mm
[2.953 in]
75.00 mm
[2.953 in]
R15.00 mm
[0.591 in]
70.00 mm
[2.756 in]
70.00 mm
[2.756 in]
105.00 mm
[4.134 in]
105.00 mm
[4.134 in]
61.40 mm
[2.417 in]
18.30 mm
[0.720 in]
80.00 mm
[3.150 in]
80.00 mm
[3.150 in]
SAMPLE PLATE
(NOT INCLUDED)
11" INCH
WIRE LEADS
n6.00 mm
[0.236 in]
81.32 mm
[3.201 in]


Similar Part No. - DNFF080LG115

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DNFF080LG115 HAMMOND-DNFF080LG115 Datasheet
62Kb / 1P
ENSEMBLES DE VENTILATEUR A FILTRE
DNFF080LG115 HAMMOND-DNFF080LG115 Datasheet
255Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - DNFF080LG115

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1487DV1 HAMMOND-1487DV1 Datasheet
155Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487DV2 HAMMOND-1487DV2 Datasheet
152Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E12SS HAMMOND-1487E12SS Datasheet
55Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E24 HAMMOND-1487E24 Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E48 HAMMOND-1487E48 Datasheet
188Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E120 HAMMOND-1487E120 Datasheet
190Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EHSS HAMMOND-1487EHSS Datasheet
14Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EK HAMMOND-1487EK Datasheet
94Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EL2SS HAMMOND-1487EL2SS Datasheet
16Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EM6 HAMMOND-1487EM6 Datasheet
133Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com