Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9615 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9615
Description  CAN BUS TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9615 Datasheet(HTML) 4 Page - STMicroelectronics

  L9615 Datasheet HTML 1Page - STMicroelectronics L9615 Datasheet HTML 2Page - STMicroelectronics L9615 Datasheet HTML 3Page - STMicroelectronics L9615 Datasheet HTML 4Page - STMicroelectronics L9615 Datasheet HTML 5Page - STMicroelectronics L9615 Datasheet HTML 6Page - STMicroelectronics L9615 Datasheet HTML 7Page - STMicroelectronics L9615 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FUNCTIONAL DESCRIPTION
The L9615 is used as an interface between a
CAN controller and the physical bus. The device
provides transmitting capability to the CAN con-
troller.
The transmitter outputs C_H and C_L are pro-
tected against short circuits and electrical tran-
sients which may occur in an automotive environ-
ment. In case of short circuit (C_H to C_L, C_H to
B) the protection circuit recognizes this fault con-
ditionand the transmitter output stages are dis-
abled with a delay of max. 10
µs to prevent de-
struction of the IC and high consumption of
supply current IS. If VC_L >VC_Lmax the transmitter
output stages would be disabled immediately.
Pin ASC makes it possible to select two different
modes of operation: High speed (
≤500kBaud) and
low speed (
≤125kBaud).
The ASC pin is tied to GND for normal operation
at
≤500kBaud. For slower speed operation at
≤125kBaud the rise and fall slope of the bus out-
put can be decreased to reduce EMI by connect-
ingg the ASC pin to VS.
FUNCTIONAL TABLE
TXO
C_H
C_L
Bus State
RXO
L
H
L
Dominant
L
H or
Floating
Floating
VS/2
Floating
VS/2
Recessive
H
DINAMIC CHARACTERISTICS (CA = 47pF between C_H and C_L; VS = 5V; tR < 5ns;
CRXO = 20pF between RXO and B; RA = 60
Ω between C_H and C_L)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tOT
Signal Delay TXO to C_H, C_L
50
ns
SR
Differential Output Slew Rate
(Transmitter)
VASC = 0V
20
50
V/
µs
VASC = VS
520
V/
µs
tOR
Signal Delay C_H, C_L to RXO
VASC = 0V
150
ns
tOTR
Signal Delay TXO to RXO
VASC = 0V
300
ns
CONTROLLER
L9615
L9615
CONTROLLER
CAN BUS
SYSTEM n
VCOM
RA
VSn
VGNDn
VGNDD
VGNDm
RA
VDiff
C_H
C_L
SYSTEM m
VGNDm
VSm
D96AT247A
TYPICAL APPLICATION
L9615
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com