Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABC-2 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # ABC-2
Description  Fast-acting, ceramic tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ABC-2 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  ABC-2 Datasheet HTML 1Page - Cooper Bussmann, Inc. ABC-2 Datasheet HTML 2Page - Cooper Bussmann, Inc. ABC-2 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Description
• Fast-acting, ceramic tube
• Optional axial leads available
• 1/4 x 1-1/4 (6.3mm x 32mm) physical size
• Ceramic tube, nickel-plated brass endcap construction
• UL Listed product meets standard 248-14
Agency Information
• UL Listed Guide & File numbers (ABC 1/4 - 15A):
JDYX & E19180.
• UL Recognition Guide & File numbers (ABC 18 - 30A):
JDYX2 & E19180.
• CSA Certification Record No: 053787 C 000 &
Class No: 1422 01 & 1422 30.
Environmental Data
• Shock: 1/4A and 1/2A – MIL-STD-202,
Method 213, Test Condition I;
1A thru 30A – MIL-STD-202, Method 207,
(HI Shock)
• Vibration: 1/4A thru 30A – MIL-STD-202,
Method 204, Test Condition C (Except 5g, 500HZ)
Ordering
• Specify packaging, product, and option code
Dimensions (mmin)
Drawing Not to Scale
ELECTRICAL CHARACTERISTICS
% of Amp Rating
Opening Time
100%
4 Hours Minimum
135%
60 Minutes maximum
200%
120 Seconds Maximum
SPECIFICATIONS
Product
Voltage
AC Interrupting
DC Interrupting
Typical DC Cold
Typical
Typical
Code
Rating
Rating
Rating
Resistance**
Melting I2t†
Voltage
AC
DC
250V
125V
125V
75V
(ohms)
AC
Drop‡
ABC-1/4
250V
125V
35A
10000A
10000A
-
3.000
0.02
3.25
ABC-1/2
250V
125V
35A
10000A
10000A
-
0.788
0.19
0.51
ABC-3/4
250V
125V
35A
10000A
10000A
-
0.303
0.8
0.42
ABC-1
250V
125V
35A
10000A
10000A
-
0.197
1.4
0.35
ABC-1-1/2
250V
125V
100A
10000A
10000A
-
0.1175
2.9
0.35
ABC-2
250V
125V
100A
10000A
10000A
-
0.0755
4.2
0.25
ABC-2-1/2
250V
125V
100A
10000A
10000A
-
0.05875
8.53
0.26
ABC-3
250V
125V
100A
10000A
10000A
-
0.0435
19.5
0.25
ABC-4
250V
125V
200A
10000A
10000A
-
0.02975
29.1
0.25
ABC-5
250V
125V
200A
10000A
10000A
-
0.0286
16.4
0.23
ABC-6
250V
125V
200A
10000A
10000A
-
0.02315
31.6
0.24
ABC-7
250V
125V
200A
10000A
10000A
-
0.0183
73.2
0.20
ABC-8
250V
125V
200A
10000A
10000A
-
0.0146
111.9
0.17
ABC-10
250V
125V
200A
10000A
10000A
-
0.01205
215.6
0.15
ABC-12
250V
125V
750A
10000A
10000A
-
0.0068
129.6
0.11
ABC-15
250V
125V
750A
10000A
10000A
-
0.005425
200.2
0.12
ABC-20
250V
125V
400A
1000A
10000A
-
0.00366
550.8
0.13
ABC-25
125V
125V
-
1000A
400A
1000A
0.00263
839.3
0.12
ABC-30
125V
125V
-
1000A
400A
1000A
0.002225
1,429
0.14
** DC Cold Resistance (Measured at
≤10% of rated current)
† Typical Melting I2t (A2Sec) (I2t was measured at listed interrupting rating and rated voltage. Measured at 70% to 80% power factor on AC)
‡ Typical Voltage Drop (Voltage drop was measured at 25°C±3°C ambient temperature at rated current)
1/4" x 1-1/4" Fuses
ABC Series, Fast Acting, Ceramic Tube
RoHS
2002/95/EC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com