Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS500HTQJC0L2 Datasheet(PDF) 2 Page - Rohm

Part # PS500HTQJC0L2
Description  Ultra low ohmic Metal plate / High power type Shunt Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PS500HTQJC0L2 Datasheet(HTML) 2 Page - Rohm

  PS500HTQJC0L2 Datasheet HTML 1Page - Rohm PS500HTQJC0L2 Datasheet HTML 2Page - Rohm PS500HTQJC0L2 Datasheet HTML 3Page - Rohm PS500HTQJC0L2 Datasheet HTML 4Page - Rohm PS500HTQJC0L2 Datasheet HTML 5Page - Rohm PS500HTQJC0L2 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/5
Data Sheet
PSR Series
www.rohm.com
○
c
2014 ROHM Co., Ltd. All rights reserved.
2014.03 - Rev.A
Characteristics
Resistance
Variation of resistance
with temperature
±0.5%
±1.0%
No remarkable abnormality on the appearance.
±0.5%
F :
±1%
G :
±2%
J :
±5%
See P1
Measuring method : 2probe per terminal
A new uniform coating of minimum of 95%
of the surface being immersed an no
soldering da a
Without open
Compliance Standard(s) : IEC60115
−8
JISC 5201
−1
Measurement :
+20/+125
±1.0%
±1.0%
±0.5%
±1.0%
−
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s
40
°C, 93%RH (Relative Humidity)
Test time : 1,000h to 1,048h
70
°C Rated power
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
70
°C
Test time : 1,000h to 1,048h
23
±5°C
Solvent : 2
−propanol
Test temp. :
−55°C to +155°C 5cycle
Rosin- Ethanol solution(25% weight)
Soldering condition : 245
±5°C
Duration of immersion : 2.0
±0.5s.
Endurance at 70
°C
Endurance at 170
°C
Bend strength of
the end face plating
Component Solvent
Resistance
Overload
Solderability
Resistance to
soldering heat
Rapid change of
temperature
Damp heat, steady state
Test Items
Test Conditions
Guaranteed Value
Resistor Type
Rated power
×5,5s
Probes
Solder Conditions
260
Reflow
Recommended solder profile
220
150 to 180
150 to 180
120s
Peak
10s Max.
60s
Temperature(
°C)
Time(s)
0
50
100
150
200
250
300
01234
(min)
260
°C±5°C
150
∼180
°C
max. 10s
max. 120s
220
°C over
max. 60s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com