Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-TS101S Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 4 Page - Analog Devices

  ADSP-TS101S Datasheet HTML 1Page - Analog Devices ADSP-TS101S Datasheet HTML 2Page - Analog Devices ADSP-TS101S Datasheet HTML 3Page - Analog Devices ADSP-TS101S Datasheet HTML 4Page - Analog Devices ADSP-TS101S Datasheet HTML 5Page - Analog Devices ADSP-TS101S Datasheet HTML 6Page - Analog Devices ADSP-TS101S Datasheet HTML 7Page - Analog Devices ADSP-TS101S Datasheet HTML 8Page - Analog Devices ADSP-TS101S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Rev. C
|
Page 4 of 48
|
May 2009
ADSP-TS101S
The ADSP-TS101S, in most cases, has a two-cycle arithmetic
execution pipeline that is fully interlocked, so whenever a com-
putation result is unavailable for another operation dependent
on it, the DSP automatically inserts one or more stall cycles as
needed. Efficient programming with dependency-free instruc-
tions can eliminate most computational and memory transfer
data dependencies.
In addition, the ADSP-TS101S supports SIMD operations two
ways—SIMD compute blocks and SIMD computations. The
programmer can direct both compute blocks to operate on the
same data (broadcast distribution) or on different data (merged
distribution). In addition, each compute block can execute four
16-bit or eight 8-bit SIMD computations in parallel.
DUAL COMPUTE BLOCKS
The ADSP-TS101S has compute blocks that can execute com-
putations either independently or together as a SIMD engine.
The DSP can issue up to two compute instructions per compute
block each cycle, instructing the ALU, multiplier, or shifter to
perform independent, simultaneous operations.
The compute blocks are referred to as X and Y in assembly syn-
tax, and each block contains three computational units—an
ALU, a multiplier, a 64-bit shifter, and a 32-word register file.
• Register file—each compute block has a multiported
32-word, fully orthogonal register file used for transferring
data between the computation units and data buses and for
storing intermediate results. Instructions can access the
registers in the register file individually (word aligned), or
in sets of two (dual aligned) or four (quad aligned).
• ALU—the ALU performs a standard set of arithmetic oper-
ations in both fixed- and floating-point formats. It also
performs logic operations.
• Multiplier—the multiplier performs both fixed- and float-
ing-point multiplication and fixed-point multiply and
accumulate.
• Shifter—the 64-bit shifter performs logical and arithmetic
shifts, bit and bit stream manipulation, and field deposit
and extraction operations.
• Accelerator—128-bit unit for trellis decoding (for example,
Viterbi and turbo decoders) and complex correlations for
communication applications.
Using these features, the compute blocks can:
• Provide 8 MACs per cycle peak and 7.1 MACs per cycle
sustained 16-bit performance and provide 2 MACs per
cycle peak and 1.8 MACs per cycle sustained 32-bit perfor-
mance (based on FIR)
• Execute six single-precision, floating-point or execute 24
fixed-point (16-bit) operations per cycle, providing
1,800 MFLOPS or 7.3 GOPS performance
• Perform two complex 16-bit MACs per cycle
• Execute eight trellis butterflies in one cycle
DATA ALIGNMENT BUFFER (DAB)
The DAB is a quad word FIFO that enables loading of quad
word data from nonaligned addresses. Normally, load instruc-
tions must be aligned to their data size so that quad words are
loaded from a quad-aligned address. Using the DAB signifi-
cantly improves the efficiency of some applications, such as FIR
filters.
DUAL INTEGER ALUS (IALUS)
The ADSP-TS101S has two IALUs that provide powerful
address generation capabilities and perform many general-pur-
pose integer operations. Each of the IALUs:
• Provides memory addresses for data and update pointers
• Supports circular buffering and bit-reverse addressing
• Performs general-purpose integer operations, increasing
programming flexibility
• Includes a 31-word register file for each IALU
As address generators, the IALUs perform immediate or indi-
rect (pre- and post-modify) addressing. They perform modulus
and bit-reverse operations with no constraints placed on mem-
ory addresses for the modulus data buffer placement. Each
IALU can specify either a single, dual, or quad word access from
memory.
Figure 2. Single-Processor System with External SDRAM
CONTROLIMP2–0
DMAR3–0
DMA DEVICE
(OPTIONAL)
DATA
FLAG3–0
ID2–0
FLYBY
IOEN
RAS
CAS
LDQM
HDQM
SDWE
SDCKE
SDA10
IRQ3–0
LCLK_P
SCLK_P
LXCLKIN
LXDAT7–0
LXCLKOUT
LXDIR
LCLKRAT2–0
SCLKFREQ
TMR0E
BM
S/LCLK_N
VREF
MSSD
BUSLOCK
SDRAM
MEMORY
(OPTIONAL)
CS
RAS
CAS
DQM
WE
CKE
A10
ADDR
DATA
CLK
RESET
JTAG
ADSP-TS101S
BMS
CLOCK
LINK
DEVICES
(4 MAX)
(OPTIONAL)
BOOT
EPROM
(OPTIONAL)
ADDR
MEMORY
(OPTIONAL)
OE
DATA
ADDR
DATA
HOST
PROCESSOR
INTERFACE
(OPTIONAL)
ACK
BR7–0
CPA
HBG
HBR
MS1–0
DATA63–0
DATA
ADDR
CS
ACK
WE
ADDR31–0
BRST
REFERENCE
RD
WRH/WRL
MSH
DPA
BOFF
DS2–0
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com