Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLSMBC-1-S Datasheet(PDF) 1 Page - Major League Electronics

Part # BLSMBC-1-S
Description  3.0 Ampere, 1000M Ohms Min.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

BLSMBC-1-S Datasheet(HTML) 1 Page - Major League Electronics

  BLSMBC-1-S Datasheet HTML 1Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Point of Contact
.080 2.03
.100 2.54
1.91
.040 1.02
.075
.460 11.68
General Tolerance
RECOMMENDED PCB LAYOUT
.002[0.05]
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
A
Created Drawing
02/06/13
DC
.405±.008 10.29±0.20
.139 3.54
.028 [0.70] x .010 [0.25]
.319 8.10
.015[0.38]
A
B
.010[0.25]
.070 1.78
WITHOUT THE WRITTEN PERMISSION OF
REV
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
MAJOR LEAGUE ELECTRONICS. ANY
.002
02/06/13
GWE
02/06/13
A
DRAWING IS THE SOLE PROPERTY OF
PROHIBITED.
THE INFORMATION CONTAINED IN THIS
MAJOR LEAGUE ELECTRONICS IS
.005
DRC
INTERPRET GEOMETRIC
SHEET 1 OF 1
FOUR PLACE DECIMAL
1
WEIGHT:
Q:ASSEM/BL/BLSMBC-1-SH
UNLESS OTHERWISE SPECIFIED:
DWG. NO.
SCALE: 8:1
REPRODUCTION IN PART OR AS A WHOLE
PROPRIETARY AND CONFIDENTIAL
TOLERANCING PER:
MATERIAL
FINISH
--
--
DRAWN
CHECKED
ENG APPR.
MFG APPR.
Q.A.
COMMENTS:
DATE
NAME
TITLE:
BLSMBC-1-SH
SIZE
B
DIMENSIONS ARE IN INCHES
TOLERANCES:
ONE PLACE DECIMALS .100
TWO PLACE DECIMAL .010
THREE PLACE DECIMAL
4235 Earnings Way
New Albany, IN 47150
Phone: 812-944-7244 Fax: 812-944-7268
e-Mail: mle@mlelectronics.com
Specifications :
Curre nt Rating: 3.0 A m pe re
Insula tion Res is ta nce : 10 00 M Ohm s Min.
Die lectric W ithstanding: 6 0 0V AC
Contact Re sistance : 2 0m Ohm s M ax.
Ope ra ting T em pera ture: -4 0°C to + 10 5 °C
Ma te ria ls :
Contact Ma terial: Coppe r Alloy
Pla ting: Gold Flash ove r e ntire pin
Insula tor M aterial: The rm opla stic, UL94 V-0 , PBT
Color: N atural
Ma x. Proces s T em pera tures :
Pea k: 26 0 °C up to 20 se cs .
Proce ss: 2 3 0°C up to 6 0 se cs .
W ave : 2 60 °C up to 6 Secs.
Ma nua l Solder: 35 0°C up to 5 se cs.
All m aterials m ust m e et M ajor Le ague Electronics
require m ents for environm e ntal prote ction.
02
0.208
5.28
0.100
2.54
03
0.308
7.82
0.200
5.08
04
0.408
10.36
0.300
7.62
05
0.508
12.90
0.400
10.16
06
0.608
15.44
0.500
12.7
Inches
MM
Inches
MM
CONTACTS
DIMENSIONS
A
B
BLSMBC-1
-
-
-
-
-
Horizontal Surface Mount
S
XX
Number of Pins Per Row
02,03,04,05,06
LF
XX
H
F
Single Row
Contact Plating:
F - Gol d Fl a s h Over Al l
Lead Free
Packaging:
TR = Ta pe a nd Reel
TB = Tube


Similar Part No. - BLSMBC-1-S

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
BLSMBC-7-SV MAJOR-LEAGUE-BLSMBC-7-SV Datasheet
151Kb / 1P
1.0 Ampere, 1000M Ohms Min.
More results

Similar Description - BLSMBC-1-S

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
BLSSM-1-SV-S MAJOR-LEAGUE-BLSSM-1-SV-S Datasheet
158Kb / 1P
3.0 Ampere,1000M Ohms Min.
BLSSM-2-SV-S MAJOR-LEAGUE-BLSSM-2-SV-S Datasheet
158Kb / 1P
2.0 Ampere, 1000M Ohms Min
BLSSM-5-SV-S MAJOR-LEAGUE-BLSSM-5-SV-S Datasheet
167Kb / 1P
1.0 Ampere, 1000M Ohms Min
BLSSM-7-S MAJOR-LEAGUE-BLSSM-7-S Datasheet
157Kb / 1P
1.0 Ampere, 1000M Ohms Min.
BLSSR-1 MAJOR-LEAGUE-BLSSR-1 Datasheet
150Kb / 1P
3.0 Ampere, 1000M Ohms Min
BLTSM-1-SV-S MAJOR-LEAGUE-BLTSM-1-SV-S Datasheet
157Kb / 1P
3.0 Ampere, 1000M Ohms Min.
BLTSM-7-S MAJOR-LEAGUE-BLTSM-7-S Datasheet
141Kb / 1P
1.0 Ampere, 1000M Ohms Min
BLTSM-7-SV-S MAJOR-LEAGUE-BLTSM-7-SV-S Datasheet
158Kb / 1P
1.0 Ampere, 1000M Ohms Min
BLTSR-1 MAJOR-LEAGUE-BLTSR-1 Datasheet
159Kb / 1P
3.0 Ampere, 1000M Ohms Min
BLTSR-2 MAJOR-LEAGUE-BLTSR-2 Datasheet
159Kb / 1P
2.0 Ampere, 1000M Ohms Min.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com