Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMBJ5.0 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # SMBJ5.0
Description  SURFACE MOUNT 600W TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SMBJ5.0 Datasheet(HTML) 1 Page - Digitron Semiconductors

  SMBJ5.0 Datasheet HTML 1Page - Digitron Semiconductors SMBJ5.0 Datasheet HTML 2Page - Digitron Semiconductors SMBJ5.0 Datasheet HTML 3Page - Digitron Semiconductors SMBJ5.0 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SMBJ5.0 – SMBJ170CA
SURFACE MOUNT 600W TVS
SMBG5.0 – SMBG170CA
MAXIMUM RATINGS
Ratings
Value
Peak pulse power dissipation @ 25°c
600w @ 10/1000 µs
tclamping (0 volts to V(BR) min:
< 100 ps theoretical for unidirectional and < 5 ns for bidirectional
Impulse repetition rate (dutyfactor)
0.01%
Operating and storage temperature:
-65° to +150°C
Thermal resistance:
25°C/W junction to lead, or 90°C/W junction to ambient when mounted on FR4
PC board with recommended footprint
Steady state power dissipation
5 watts at TL = 25°C, or 1.38 watts at TA = 25°C when mounted on FR4 PC board
with recommended footprint
Forward surge @ 25°C:
50 Amps peak impulse of 8.3 ms half sine wave (unidirectional only)
Solder temperatures:
260°C for 10 s (maximum)
ELECTRICAL CHARACTERISTICS
Reverse
stand-off
voltage
Breakdown voltage
Peak pulse
current
Maximum
standby
current @ VWM
VWM
V(BR)
@I(BR)
Maximum
clamping
voltage @ Ipp
IPP
ID
Volts
Part number
Part number
Volts
Min
Max
mA
Volts
Amps
µA
SMBG5.0
SMBJ5.0
5.0
6.40
7.30
10
9.6
62.5
800
SMBG5.0A
SMBJ5.0A
5.0
6.40
7.00
10
9.2
65.2
800
SMBG6.0
SMBJ6.0
6.0
6.67
8.15
10
11.4
52.6
800
SMBG6.0A
SMBJ6.0A
6.0
6.67
7.37
10
10.3
58.3
800
SMBG6.5
SMBJ6.5
6.5
7.22
8.82
10
12.3
48.7
500
SMBG6.5A
SMBJ6.5A
6.5
7.22
7.98
10
11.2
53.6
500
SMBG7.0
SMBJ7.0
7.0
7.78
9.51
10
13.3
45.1
200
SMBG7.0A
SMBJ7.0A
7.0
7.78
8.60
10
12.0
50.0
200
SMBG7.5
SMBJ7.5
7.5
8.33
10.2
1
14.3
42.0
100
SMBG7.5A
SMBJ7.5A
7.5
8.33
9.21
1
12.9
46.5
100
SMBG8.0
SMBJ8.0
8.0
8.89
10.9
1
15.0
40.0
50
SMBG8.0A
SMBJ8.0A
8.0
8.89
9.83
1
13.6
44.1
50
SMBG8.5
SMBJ8.5
8.5
9.44
11.5
1
15.9
37.7
10
SMBG8.5A
SMBJ8.5A
8.5
9.44
10.4
1
14.4
41.7
10
SMBG9.0
SMBJ9.0
9.0
10.0
12.2
1
16.9
35.5
5
SMBG9.0A
SMBJ9.0A
9.0
10.0
11.1
1
15.4
39.0
5
SMBG10
SMBJ10
10
11.1
13.6
1
18.8
31.9
5
SMBG10A
SMBJ10A
10
11.1
12.3
1
17.0
35.3
5
SMBG11
SMBJ11
11
12.2
14.9
1
20.1
29.9
5
SMBG11A
SMBJ11A
11
12.2
13.5
1
18.2
33.0
5
SMBG12
SMBJ12
12
13.3
16.3
1
22.0
27.3
5
SMBG12A
SMBJ12A
12
13.3
14.7
1
19.9
30.2
5
SMBG13
SMBJ13
13
14.4
17.6
1
23.8
25.2
5
SMBG13A
SMBJ13A
13
14.4
15.9
1
21.5
27.9
5
SMBG14
SMBJ14
14
15.6
19.1
1
25.8
23.3
5
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120706


Similar Part No. - SMBJ5.0

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5.0 JGD-SMBJ5.0 Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMBJ5.0 DCCOM-SMBJ5.0 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ5.0 EIC-SMBJ5.0 Datasheet
110Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMBJ5.0 GE-SMBJ5.0 Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0 Datasheet
410Kb / 5P
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ5.0

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
600W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
5V ~ 85V, 600W Peak Power Surface Mount TVS
logo
Shindengen Electric Mfg...
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
TVS 14A, 600W
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
TVS 11A, 600W
logo
UN Semiconducctor INC
6.0SMAJ UNSEMI-6.0SMAJ Datasheet
3Mb / 6P
5.0 To 200V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
P6SMB UNSEMI-P6SMB Datasheet
3Mb / 7P
6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMBJ UNSEMI-SMBJ Datasheet
4Mb / 8P
3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com