Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6641B Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6641B
Description  500mA Alkaline DC/DC Boost Regulator in SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6641B Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6641B Datasheet HTML 5Page - Sipex Corporation SP6641B Datasheet HTML 6Page - Sipex Corporation SP6641B Datasheet HTML 7Page - Sipex Corporation SP6641B Datasheet HTML 8Page - Sipex Corporation SP6641B Datasheet HTML 9Page - Sipex Corporation SP6641B Datasheet HTML 10Page - Sipex Corporation SP6641B Datasheet HTML 11Page - Sipex Corporation SP6641B Datasheet HTML 12Page - Sipex Corporation SP6641B Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Rev. 5/26/05,
*Patent Pending
SP6641A/6641B 500mA Alkaline DC/DC Boost Regulator in SOT-23
© Copyright 2002 Sipex Corporation
Low Battery Circuit for SP6641
Application
The circuit in figure 17 uses the Sipex SPX432
shunt regulator as a reference and comparator
circuit to detect a low battery condition and give
a high level, typically 1.7V output. When the
battery is good, the SPX432 output is low, but
not at ground but at 0.8V or about one Vbe
below the 1.24V reference. To translate that
level to a CMOS Low of less than 0.4V, an NPN
and 2 signal diodes can be added to the SPX432
Figure 17. SP6641A 3.3V with Low Battery Detection
APPLICATION INFORMATION: continued
output, as shown.
The small SOT23-3pin
SPX432 and 2N3904 bipolar transistor and di-
odes are small and inexpensive to add to the
SP6641 circuit and work well to add a Battery
Low detection circuit, with the addition of about
130
µA current from 3.3V out. As a bonus, the
output of this circuit can be used to drive the
SP6641 SHDN_N pin 3 to GND when the bat-
tery is removed, which would reset the SP6641
and eliminate the need for the SuperCap Switch
shown in figure 16.
GND
LX
VBATT
L1
22µH
100k
U1
SP6641
VOUT
SHDN
®
®
C2
22µF
R3
20k
Diode
Schottky
1
2
3
C1
22µF
5
4
VBATT
R5
100k
BATT GOOD
D2
D3
1N4148
R2
100k
R1
44k
1N4148
VOUT 3.3V
Q2
2N3904
2V = BATT GOOD
0V = LOW BATT
R4
1
2
3
REF
K
A
1.8V THRES.
VTHRES = 1.24V(1 + R1/R2)
U2
SPX432M
SOT23-3
D1
GND
LX
VBATT
SHDN
J1
L1
22µH
2.7V, 0.9Ω PMOS
SOT23-3 IRLML6302
Q1
U1
SP6641
VOUT
SHDN
®
®
C2
22µF
VOUT
+3.3V
Diode
Schottky
1
2
3
C1
22µF
5
4
1
2
3
VBATT
C3
.22F Supercap
3.3V to
Nonvolatile Function
32
1
3
1
2
Q2 SOT23-3 IRLML2402
2.7V NMOS
R1
1M
Figure 16. SP6641A 3.3V with SuperCap Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com