Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S40 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1S40
Description  3 A DC step-down switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1S40 Datasheet HTML 6Page - STMicroelectronics ST1S40 Datasheet HTML 7Page - STMicroelectronics ST1S40 Datasheet HTML 8Page - STMicroelectronics ST1S40 Datasheet HTML 9Page - STMicroelectronics ST1S40 Datasheet HTML 10Page - STMicroelectronics ST1S40 Datasheet HTML 11Page - STMicroelectronics ST1S40 Datasheet HTML 12Page - STMicroelectronics ST1S40 Datasheet HTML 13Page - STMicroelectronics ST1S40 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Functional description
ST1S40
10/29
DocID17928 Rev 5
Equation 3
where:
Equation 4
Sn represents the ON time slope of the sensed inductor current, Se the slope of the external
ramp (VPP peak-to-peak amplitude 1.25 V) that implements the slope compensation to
avoid sub-harmonic oscillations at duty cycle over 50%.
The sampling effect contribution FH(s) is:
Equation 5
where:
Equation 6
and
Equation 7
The resistor to adjust the output voltage gives the term from output voltage to the FB pin.
GDIV(s) is:
The transfer function from FB to Vcc (output of E/A) introduces the singularities (poles and
zeros) to stabilize the loop. Figure 5 shows the small signal model of the error amplifier with
the internal compensation network.
p
1
RLOAD COUT
--------------------------------------
mC 1D
 0.5
LCOUT fSW

---------------------------------------------
+
=
mC
1
Se
Sn
------
+
=
Se
Vpp fSW
=
Sn
VIN VOUT
L
------------------------------ Ri
=
FH s

1
1
s
n QP
-------------------
s
2
n
2
------
++
-------------------------------------------
=
QP
1
 m
C
1D
 0.5

----------------------------------------------------------
=
n
 f
SW
=
GDIV s

R2
R1 R2
+
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com