Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB31N65M5 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STB31N65M5
Description  N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB31N65M5 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STB31N65M5 Datasheet HTML 17Page - STMicroelectronics STB31N65M5 Datasheet HTML 18Page - STMicroelectronics STB31N65M5 Datasheet HTML 19Page - STMicroelectronics STB31N65M5 Datasheet HTML 20Page - STMicroelectronics STB31N65M5 Datasheet HTML 21Page - STMicroelectronics STB31N65M5 Datasheet HTML 22Page - STMicroelectronics STB31N65M5 Datasheet HTML 23Page - STMicroelectronics STB31N65M5 Datasheet HTML 24Page - STMicroelectronics STB31N65M5 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Revision history
STB31N65M5, STF31N65M5, STFI31N65M5, STP31N65M5, STW31N65M5
24/25
DocID022848 Rev 3
6
Revision history
Table 15. Document revision history
Date
Revision
Changes
23-Feb-2012
1
First release.
10-Sep-2012
2
– Modified note
2 under the Table 2.
– Updated typical values in
Table 4, 5 and 6.
– Added
Section 2.1.
– Minor text changes on the cover page.
05-Mar-2013
3
Added dv/dt value on
Table 2: Absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com