Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9.0 Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SA9.0
Description  Axial Lead Transient Voltage Suppressors (TVS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA9.0 Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SA9.0 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SA9.0 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SA9.0 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SA9.0 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SA9.0 Datasheet HTML 5Page - Socay Electornics Co., Ltd. SA9.0 Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision August 25, 2013
3 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SA Series
5.0 To 190 V
500W
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
SA43
SA43C
43.0
47.80
58.40
1
76.7
6.52
5
SA43A
SA43CA
43.0
47.80
52.80
1
69.4
7.20
5
SA45
SA45C
45.0
50.00
61.10
1
80.3
6.23
5
SA45A
SA45CA
45.0
50.00
55.30
1
72.7
6.88
5
SA48
SA48C
48.0
53.30
65.10
1
85.5
5.85
5
SA48A
SA48CA
48.0
53.30
58.90
1
77.4
6.46
5
SA51
SA51C
51.0
56.70
69.30
1
91.1
5.49
5
SA51A
SA51CA
51.0
56.70
62.70
1
82.4
6.07
5
SA54
SA54C
54.0
60.00
73.30
1
96.3
5.19
5
SA54A
SA54CA
54.0
60.00
66.30
1
87.1
5.74
5
SA58
SA58C
58.0
64.40
78.70
1
103.0
4.85
5
SA58A
SA58CA
58.0
64.40
71.20
1
93.6
5.34
5
SA60
SA60C
60.0
66.70
81.50
1
107.0
4.67
5
SA60A
SA60CA
60.0
66.70
73.70
1
96.8
5.17
5
SA64
SA64C
64.0
71.10
86.90
1
114.0
4.39
5
SA64A
SA64CA
64.0
71.10
78.60
1
103.0
4.85
5
SA70
SA70C
70.0
77.80
95.10
1
125.0
4.00
5
SA70A
SA70CA
70.0
77.80
86.00
1
113.0
4.42
5
SA75
SA75C
75.0
83.30
102.00
1
134.0
3.37
5
SA75A
SA75CA
75.0
83.30
92.10
1
121.0
4.13
5
SA78
SA78C
78.0
86.70
106.00
1
139.0
3.60
5
SA78A
SA78CA
78.0
86.70
95.80
1
126.0
3.97
5
SA80
SA80C
80.0
88.96
108.80
1
143.2
3.49
5
SA80A
SA80CA
80.0
88.80
97.60
1
129.6
3.86
5
SA85
SA85C
85.0
94.40
115.00
1
151.0
3.31
5
SA85A
SA85CA
85.0
94.40
104.00
1
137.0
3.65
5
SA90
SA90C
90.0
100.00
122.00
1
160.0
3.13
5
SA90A
SA90CA
90.0
100.00
111.00
1
146.0
3.42
5
SA100
SA100C
100.0
111.00
136.00
1
179.0
2.79
5
SA100A
SA100CA
100.0
111.00
123.00
1
162.0
3.09
5
SA110
SA110C
110.0
122.00
149.00
1
196.0
2.55
5
SA110A
SA110CA
110.0
122.00
135.00
1
177.0
2.82
5
SA120
SA120C
120.0
133.00
163.00
1
214.0
2.34
5
SA120A
SA120CA
120.0
133.00
147.00
1
193.0
2.59
5
SA130
SA130C
130.0
144.00
176.00
1
231.0
2.16
5
SA130A
SA130CA
130.0
144.00
159.00
1
209.0
2.39
5
SA140
SA140C
140.0
155.68
190.40
1
250.6
2.00
5
SA140A
SA140CA
140.0
155.00
171.00
1
226.8
2.20
5
SA150
SA150C
150.0
167.00
204.00
1
268.0
1.87
5
SA150A
SA150CA
150.0
167.00
185.00
1
243.0
2.06
5
SA160
SA160C
160.0
178.00
218.00
1
287.0
1.74
5
SA160A
SA160CA
160.0
178.00
197.00
1
259.0
1.93
5
SA170
SA170C
170.0
189.00
231.00
1
304.0
1.64
5
SA170A
SA170CA
170.0
189.00
209.00
1
275.0
1.82
5
SA180
SA180C
180.0
201.00
244.80
1
322.2
1.55
5
SA180A
SA180CA
180.0
201.00
220.00
1
291.6
1.71
5
SA190
SA190C
190.0
211.21
258.40
1
340.1
1.47
5
SA190A
SA190CA
190.0
211.00
232.00
1
307.8
1.62
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics
(TA=25℃ unless otherwise noted) (Continue)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com