Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2600LB Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # P2600LB
Description  ShenZhen HuaXinAn Electronics Co.,Ltd
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P2600LB Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  P2600LB Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P2600LB Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P2600LB Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P2600LB Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P2600LB Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD P2600LB Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Electrical Characteristics
Part Number
Marking
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
IS
IT
VT
@IT=2.2Amps
Capacitance
@1MHz,2V bias
V min
V max
mA min
mA max
A max
Vmax
pF
P0080LA
P008LA
6
25
50
800
2.2
4
45
P0300LA
P03LA
25
40
50
800
2.2
4
45
P0640LA
P06LA
58
77
150
800
2.2
4
35
P0720LA
P07LA
65
88
150
800
2.2
4
50
P0900LA
P09LA
75
98
150
800
2.2
4
40
P1100LA
P11LA
90
130
150
800
2.2
4
35
P1300LA
P13LA
120
160
150
800
2.2
4
35
P1500LA
P15LA
140
180
150
800
2.2
4
40
P1800LA
P18LA
170
220
150
800
2.2
4
40
P2300LA
P23LA
190
260
150
800
2.2
4
45
P2600LA
P26LA
220
300
150
800
2.2
4
35
P3100LA
P31LA
275
350
150
800
2.2
4
35
P3500LA
P35LA
320
400
150
800
2.2
4
30
P0080LB
P008LB
6
25
50
800
2.2
4
60
P0300LB
P03LB
25
40
50
800
2.2
4
65
P0640LB
P06LB
58
77
150
800
2.2
4
45
P0720LB
P07LB
65
88
150
800
2.2
4
45
P0900LB
P09LB
75
98
150
800
2.2
4
40
P1100LB
P11LB
90
130
150
800
2.2
4
40
P1300LB
P13LB
120
160
150
800
2.2
4
40
P1500LB
P15LB
140
180
150
800
2.2
4
35
P1800LB
P18LB
170
220
150
800
2.2
4
65
2
Table continues on next page
Revised:February 25,2014
www.huaandz.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com