Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10Y16ASP Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R5F10Y16ASP
Description  Renesas Flash Programmer
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10Y16ASP Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R5F10Y16ASP Datasheet HTML 40Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 41Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 42Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 43Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 44Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 45Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 46Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 47Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 44 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
2.2
Oscillator Characteristics
2.2.1
Main system clock oscillator characteristics
Note
Indicates only oscillator characteristics. Refer to AC Characteristics for instruction execution time.
Caution 1. When using the X1 oscillator, wire as follows in the area enclosed by the broken lines in the above figures to
avoid an adverse effect from wiring capacitance.
• Keep the wiring length as short as possible.
• Do not cross the wiring with the other signal lines.
• Do not route the wiring near a signal line through which a high fluctuating current flows.
• Always make the ground point of the oscillator capacitor the same potential as VSS.
• Do not ground the capacitor to a ground pattern through which a high current flows.
• Do not fetch signals from the oscillator.
Caution 2. Since the CPU is started by the high-speed on-chip oscillator clock after a reset release, check the X1 clock
oscillation stabilization time using the oscillation stabilization time counter status register (OSTC) by the user.
Determine the oscillation stabilization time of the OSTC register and the oscillation stabilization time select
register (OSTS) after sufficiently evaluating the oscillation stabilization time with the resonator to be used.
(TA = -40 to +85 °C, 1.6 V
 EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Resonator
Recommended Circuit
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
Ceramic
resonator
X1 clock oscillation frequency
(fX) Note
2.7 V
VDD 5.5 V
1.0
20.0
MHz
1.8 V
VDD < 2.7 V
1.0
8.0
1.6 V
VDD < 1.8 V
1.0
4.0
Crystal resonator
X1 clock oscillation frequency
(fX) Note
2.7 V
VDD 5.5 V
1.0
20.0
MHz
1.8 V
VDD < 2.7 V
1.0
8.0
1.6 V
VDD < 1.8 V
1.0
4.0
C1
X2
X1
C2
Rd
VSS
C1
X2
X1
C2
Rd
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com