| Electronic Components Datasheet Search |
|
RX62T Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX62T Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 25 page ![]() RX62T Position Control of PMSM with Encoder R01AN0899EU0200 Rev. 2.00 Page 13 of 22 Jan. 31, 2014 An encoder coupled directly to the motor shaft measures the actual motor position θ(s). External shaft torque disturbances Td are added to the torque generated by the motor's current to give the torque available to accelerate the total inertia J. Around the current regulator, motor block is the servo position controller that closes the position loop. The basic servo position controller provides both a trajectory generator and a PID controller. The trajectory generator provides only position set-point commands labeled in Figure 9 as θ*(s). The PID controller operates on the position error and outputs a current command. There are three gains to adjust in the PID controller, Kp, Ki and Kd. These gains all act on the position error defined as: ) ( ) ( * s s θ θ θ − = ∆ Note the superscript “*” refers to a commanded value. The output of the PID is given mathematically in the time domain as: ) ( ) ( ) ( ) ( * t dt d K dt t K t K t iq d i p θ θ θ ∆ + ∆ − ∆ = ∫ Loosely speaking, the proportional term affects the overall response of the system to a position error. The integral term is needed to force the steady state position error to zero for a constant position command and the derivative term is needed to provide a damping action, as the response becomes oscillatory. Unfortunately all three parameters are inter-related so that by adjusting one parameter will affect any of a previous parameter adjustment. Tuning the PID controller can be done if the motor and load parameters are known and the desired frequency response are known. They are adjusted using the following parameters in the header file of “customize.h”. 6.3 Current Control Loop The current loop is a standard PI type based on the standard Park-Clarke stationary reference frame to rotary reference transformations. The initial rotor position is determined by use of the Hall sensors. Once a Hall transition occurs, the rotor position is then determined by reading the incremental encoder. The basic block diagram for the current vector control is shown in Figure 12. Figure 12 Block diagram of current vector control Neglecting motor saliency, the commanded q axis current, iq* is linearly related to the commanded torque. The “d” axis current command, id* is set to zero as field weakening is not required. The transformation takes two steps. First, the stationary currents are transformed to an arbitrary stationary pair of orthogonal axes α, β and second, the axes are then rotated to the rotor axes for control purposes. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |