Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MJE13003G-E-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MJE13003G-E-TN3-R
Description  NPN SILICON POWER TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003G-E-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MJE13003G-E-TN3-R Datasheet HTML 1Page - Unisonic Technologies MJE13003G-E-TN3-R Datasheet HTML 2Page - Unisonic Technologies MJE13003G-E-TN3-R Datasheet HTML 3Page - Unisonic Technologies MJE13003G-E-TN3-R Datasheet HTML 4Page - Unisonic Technologies MJE13003G-E-TN3-R Datasheet HTML 5Page - Unisonic Technologies MJE13003G-E-TN3-R Datasheet HTML 6Page - Unisonic Technologies MJE13003G-E-TN3-R Datasheet HTML 7Page - Unisonic Technologies MJE13003G-E-TN3-R Datasheet HTML 8Page - Unisonic Technologies MJE13003G-E-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MJE13003
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R204-004.S
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
(Note)
Collector-Emitter Sustaining Voltage
VCEO(SUS)
IC=10mA , IB=0
400
V
Collector Cutoff Current
TC=25°C
ICEO
VCEO=Rated Value,
VBE(OFF)=1.5 V
1
mA
TC=100°C
5
Emitter Cutoff Current
IEBO
VEB=9V, IC=0
1
mA
SECOND BREAKDOWN
Second Breakdown Collector Current with bass
forward biased
Is/b
See Fig.5
Clamped Inductive SOA with base reverse biased
RBSOA
See Fig.6
ON CHARACTERISTICS
(Note)
DC Current Gain
hFE1
IC=0.5A, VCE=5V
14
57
hFE2
IC=1A, VCE=5V
5
30
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=0.5A, IB=0.1A
0.5
V
IC=1A, IB=0.25A
1
IC=1.5A, IB=0.5A
3
IC=1A, IB=0.25A, TC=100°C
1
Base-Emitter Saturation Voltage
VBE(SAT)
IC=0.5A, IB=0.1A
1
V
IC=1A, IB=0.25A
1.2
IC=1A, IB=0.25A, TC=100°C
1.1
DYNAMIC CHARACTERISTICS
Current-Gain-Bandwidth Product
fT
IC=100mA, VCE=10V, f=1MHz
4
10
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=0.1MHz
21
pF
SWITCHING CHARACTERISTICS
Resistive Load (Table 1)
Delay Time
tD
VCC=125V, IC=1A, B1=IB2=0.2A,
tP=25μs, Duty Cycle≤1%
0.05 0.1
μs
Rise Time
tR
0.5
1
μs
Storage Time
tS
2
4
μs
Fall Time
tF
0.4
0.7
μs
Inductive Load, Clamped (Table 1)
Storage Time
tSTG
IC=1A, VCLAMP=300V, IB1=0.2A,
VBE(OFF)=5VDC, TC=100°C
1.7
4
μs
Crossover Time
tC
0.29 0.75
μs
Fall Time
tF
0.15
μs
Note: Pulse Test: PW=300μs, Duty Cycle≤2%
CLASSIFICATION OF hFE1
RANK
A
B
C
D
E
F
G
H
RANGE
14 ~ 22
21 ~ 27
26 ~ 32
31 ~ 37
36 ~ 42
41 ~ 47
46 ~ 52
51 ~ 57



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com