Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12413 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12413
Description  Precision Machined Metric Punches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12413 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12413 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
227
Metric
Hardened
tool steel for
optimum
long life
performance
Painted
finished
bodies
Center
Punch
Pa
rallel
Pin
Punch
Tapered
Punch
Precision Machined Metric Punches
Heavy Duty Solid Tapered Metric Punches
Hardened tool steel punches, precision machined to exact tolerances.
Heavy duty hex shanks, hardened for optimum long life performance.
Painted finished bodies.
Item
Tip
Tip
Shaft Diameter
No.
mm
Inch Dia.
mm
mm
lbs.
pkg.
124 11
1
.04
10
120
.14
10
124 12
2
.08
10
120
.14
10
124 13
3
.12
10
120
.14
10
124 14
4
.16
10
120
.14
10
124 15
5
.20
10
120
.14
10
124 16
6
.24
10
120
.14
10
124 19
7
.28
12
150
.25
10
124 20
8
.32
12
150
.25
10
124 21
9
.35
12
150
.25
10
124 22
10
.39
12
150
.25
10
124 23
12
.47
14
150
.39
10
124 24
14
.55
16
175
.60
10
124 25
16
.63
18
175
.76
10
124 26
18
.71
20
200
.96
10
124
Heavy Duty Solid Metric Parallel Pin Punches
Hardened tool steel punches, precision machined to exact tolerances.
Heavy duty hex shanks, hardened for optimum long life performance.
Painted finished bodies.
Item
Tip
Tip
Shaft Diameter
No.
mm
Inch Dia.
mm
mm
lbs.
pkg.
234 20
2
.08
10
150
.13
10
234 21
2.5
.10
10
150
.13
10
234 22
3
.12
10
150
.13
10
234 23
3.5
.14
10
150
.14
10
234 24
4
.16
10
150
.14
10
234 25
4.5
.18
10
150
.14
10
234 26
5
.20
10
150
.14
10
234 27
6
.24
10
150
.15
10
234 28
7
.28
10
150
.18
10
234 29
8
.32
10
150
.18
10
234 32
9
.35
12
150
.24
10
234 33
10
.39
12
150
.25
10
234 34
12
.47
14
150
.37
10
234 35
14
.55
16
175
.55
10
234 36
16
.63
18
200
.79
10
234 37
18
.71
20
200
.95
10
234 38
20
.79
22
250
1.41 10
234
Heavy Duty Solid Tapered Metric Center Punches
Hardened tool steel punches, precision machined to exact tolerances.
Heavy duty hex shanks, hardened for optimum long life performance.
Painted finished bodies.
Item
Tip
Tip
Shaft Diameter
No.
mm
Inch Dia.
mm
mm
lbs.
pkg.
124 36
4
.16
10
120
.14
10
124 37
5
.20
12
120
.20
10
124 38
5
.20
12
150
.26
10
124 39
6
.24
14
150
.35
10
124
Set 8 Pcs. Metric Taper Pin Punches
Hardened tool steel punches, precision machined to exact tolerances.
Item
No.
Set Includes:
lbs.
pkg.
124 90
1, 2, 3, 4, 5, 6, 7, 8mm
1.4
1
124 90
Set 14 Pcs. Metric Taper Pin Punches
Hardened tool steel punches, precision machined to exact tolerances.
Item
No.
Set Includes: 1, 2, 3, 4, 5, 6, 7,
lbs.
pkg.
124 92
8, 9, 10, 12, 14, 16, 18mm
5.1
1
124 92
Set 8 Pcs. Metric Parallel Pin Punches
Hardened tool steel punches, precision machined to exact tolerances.
Item
No.
Set Includes:
lbs.
pkg.
234 90
2, 2.5, 3, 3.5, 4, 4.5, 5, 6mm
1.3
1
234 90
Set 3 Pcs. Metric Taper Center Punches
Hardened tool steel punches, precision machined to exact tolerances.
Item
No.
Set Includes:
lbs.
pkg.
124 91
4x120mm, 5x120mm, 6x150mm
.69
1
124 91
Set 15 Pcs. Metric Parallel Pin Punches
Hardened tool steel punches, precision machined to exact tolerances.
Item
No.
Set Includes: 3, 3.5, 4, 4.5, 5, 6, 7,
lbs.
pkg.
234 91
8, 9, 10, 12, 14, 16, 18, 20mm
5.6
1
234 91
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 12413

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1241300000 WEIDMULLER-1241300000 Datasheet
272Kb / 5P
Network switch, managed, Fast/Gigabit Ethernet
November 4, 2021
1241320000 WEIDMULLER-1241320000 Datasheet
254Kb / 5P
Network switch, managed, Fast/Gigabit Ethernet
November 4, 2021
1241330000 WEIDMULLER-1241330000 Datasheet
257Kb / 5P
Network switch, managed, Fast/Gigabit Ethernet
November 4, 2021
1241340000 WEIDMULLER-1241340000 Datasheet
256Kb / 5P
Network switch, managed, Fast/Gigabit Ethernet
1241350000 WEIDMULLER-1241350000 Datasheet
255Kb / 5P
Network switch, managed, Fast/Gigabit Ethernet
More results

Similar Description - 12413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12490 ETC-12490 Datasheet
203Kb / 1P
Hardened tool steel punches, precision machined to exact tolerances.
logo
Samtec, Inc
HTS-130-G-AA SAMTEC-HTS-130-G-AA Datasheet
1Mb / 1P
PRECISION MACHINED TERMINAL STRIPS
SS-103-S-2 SAMTEC-SS-103-S-2 Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
SS-110-T-3 SAMTEC-SS-110-T-3 Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
SD-112-G-21C SAMTEC-SD-112-G-21C Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
SD-136-T-2 SAMTEC-SD-136-T-2 Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
SS-125-S-2 SAMTEC-SS-125-S-2 Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
SS-106-G-1C SAMTEC-SS-106-G-1C Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
SD-123-G-2 SAMTEC-SD-123-G-2 Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
SS-126-S-2 SAMTEC-SS-126-S-2 Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com