Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

URCZ1284L-02-SQ8-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # URCZ1284L-02-SQ8-R
Description  PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15KV ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

URCZ1284L-02-SQ8-R Datasheet(HTML) 4 Page - Unisonic Technologies

  URCZ1284L-02-SQ8-R Datasheet HTML 1Page - Unisonic Technologies URCZ1284L-02-SQ8-R Datasheet HTML 2Page - Unisonic Technologies URCZ1284L-02-SQ8-R Datasheet HTML 3Page - Unisonic Technologies URCZ1284L-02-SQ8-R Datasheet HTML 4Page - Unisonic Technologies URCZ1284L-02-SQ8-R Datasheet HTML 5Page - Unisonic Technologies URCZ1284L-02-SQ8-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
URCZ1284-XX
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R127-001.c
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
5.5
V
Power Rating Per Resistor
PR
100
mW
Package POWER Rating
PP
1
W
Maximum Operating Junction Temperature
TJ
125
°C
Operating Temperature Range
TOPR
0~+70
°C
Storage Temperature Range
TSTG
-55~+150
°C
ESD Discharge IEC61000-4-2, Contact Discharge
VPP
±8
KV
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Leakage Current
IR
VCC=5.0V
10
mA
Breakdown Voltage
VBR
IR=1mA
6
V
Forward Voltage Drop
VF
IF=50mA
0.9
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com