Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPA890IDBVT Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA890IDBVT
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA890IDBVT Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button OPA890IDBVT Datasheet HTML 5Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 6Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 7Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 8Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 9Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 10Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 11Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 12Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
-40
-50
-60
-70
-80
-90
-100
-110
Single-ToneLoadPower(dBm)
-8
-6
-4
-2
0
2
4
6
8
LoadPoweratMatched50
Load
W
10MHz
5MHz
1MHz
-90
-95
-100
-105
-110
-115
-120
Frequency(Hz)
1k
10k
100k
1M
V =2V
O
PP
R =500W
L
G= 1V/V
-
2ndHarmonic
3rdHarmonic
100
10
1
CapacitiveLoad(pF)
1
10
100
1000
9
6
3
0
-3
-6
-9
Frequency(MHz)
0
20
40
60
80
100
120
140
160
180
200
G=+2V/V
750W
R
S
V
IN
V
OUT
1kW
(1)
C
L
750W
NOTE:(1)1k
isoptional.
W
C =100pF
L
C =47pF
L
C =22pF
L
C =10pF
L
OPA890
80
70
60
50
40
30
20
10
0
Frequency(Hz)
1k
10k
100k
1M
10M
100M
-PSRR
CMRR
+PSRR
100
10
1
0.1
Frequency(Hz)
100
1k
10k
100k
1M
10M
100M
VoltageNoiseDensity(8nV/
)
ÖHz
CurrentNoiseDensity(1pA/
)
ÖHz
OPA890
www.ti.com
SBOS369B – MAY 2007 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 200Ω, unless otherwise noted.
LOW-FREQUENCY INVERTING HARMONIC DISTORTION
TWO-TONE, 3RD-ORDER INTERMODULATION SPURIOUS
Figure 13.
Figure 14.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 15.
Figure 16.
COMMON-MODE REJECTION RATIO AND POWER-SUPPLY
REJECTION RATIO vs FREQUENCY
INPUT VOLTAGE AND CURRENT NOISE
Figure 17.
Figure 18.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com