Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4052CD Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4052CD
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4052CD Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button THS4052CD Datasheet HTML 13Page - National Semiconductor (TI) THS4052CD Datasheet HTML 14Page - National Semiconductor (TI) THS4052CD Datasheet HTML 15Page - National Semiconductor (TI) THS4052CD Datasheet HTML 16Page - National Semiconductor (TI) THS4052CD Datasheet HTML 17Page - National Semiconductor (TI) THS4052CD Datasheet HTML 18Page - National Semiconductor (TI) THS4052CD Datasheet HTML 19Page - National Semiconductor (TI) THS4052CD Datasheet HTML 20Page - National Semiconductor (TI) THS4052CD Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
17
APPLICATION INFORMATION
DRIVING A CAPACITIVE LOAD
Driving capacitive loads with high performance amplifiers is not a problem as long as certain precautions are taken. The
first is to realize that the THS405x has been internally compensated to maximize its bandwidth and slew rate performance.
When the amplifier is compensated in this manner, capacitive loading directly on the output will decrease the device’s phase
margin leading to high frequency ringing or oscillations. Therefore, for capacitive loads of greater than 10 pF, it is
recommended that a resistor be placed in series with the output of the amplifier, as shown in Figure 45. A minimum value
of 20
Ω should work well for most applications. For example, in 75-Ω transmission systems, setting the series resistor value
to 75
Ω both isolates any capacitance loading and provides the proper line impedance matching at the source end.
+
_
THS405x
CLOAD
1 k
Ω
Input
Output
1 k
Ω
20
Ω
Figure 45. Driving a Capacitive Load
OFFSET NULLING
The THS405x has very low input offset voltage for a high-speed amplifier. However, if additional correction is required, an
offset nulling function has been provided on the THS4051. The input offset can be adjusted by placing a potentiometer
between terminals 1 and 8 of the device and tying the wiper to the negative supply. This is shown in Figure 46.
_
+
THS4051
VCC −
VCC+
0.1
µF
0.1
µF
10 k
Ω
Figure 46. Offset Nulling Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com