Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4082CDG4 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4082CDG4
Description  175 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4082CDG4 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button THS4082CDG4 Datasheet HTML 17Page - National Semiconductor (TI) THS4082CDG4 Datasheet HTML 18Page - National Semiconductor (TI) THS4082CDG4 Datasheet HTML 19Page - National Semiconductor (TI) THS4082CDG4 Datasheet HTML 20Page - National Semiconductor (TI) THS4082CDG4 Datasheet HTML 21Page - National Semiconductor (TI) THS4082CDG4 Datasheet HTML 22Page - National Semiconductor (TI) THS4082CDG4 Datasheet HTML 23Page - National Semiconductor (TI) THS4082CDG4 Datasheet HTML 24Page - National Semiconductor (TI) THS4082CDG4 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
evaluation board
An evaluation board is available for the THS4081 (literature number SLOP242) and THS4082 (literature number
SLOP239). This board has been configured for very low parasitic capacitance in order to realize the full
performance of the amplifier. A schematic of the evaluation board is shown in Figure 51. The circuitry has been
designed so that the amplifier may be used in either an inverting or noninverting configuration. For more
information, please refer to the THS4081 EVM User’s Guide or the THS4082 EVM User’s Guide. To order the
evaluation board, contact your local TI sales office or distributor.
_
+
THS4081
VCC −
VCC+
C1
6.8
µF
C4
0.1
µF
C2
6.8
µF
C3
0.1
µF
R4
1.3 k
Ω
R2
1.3 k
Ω
R3
49.9
Ω
R5
49.9
Ω
IN −
IN +
OUT
+
+
R1
49.9
Ω
Figure 51. THS4081 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com